Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS-5F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SS-5F
Description  Subminiature Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SS-5F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SS-5F Datasheet HTML 1Page - List of Unclassifed Manufacturers SS-5F Datasheet HTML 2Page - List of Unclassifed Manufacturers SS-5F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
• Fast-acting subminiature fuse
• Plastic cap and base, flammability UL 94V0
• Lead wire with tin-plated copper, diameter 0.6mm
• Protects against harmful overcurrents in primary and
secondary applications
• Small radial-leaded design minmizes board space and
eliminates need for additional mounting components
• Designed to UL 248-14
Agency Information
• cULus: File E19180, Guide JDYX/JDYX7
• PSE: JET1641-31007-1001, JET1641-31007-1002
Specifications
• Solderability: EIA-186-9E Method 9
• High frequency vibration: MIL-STD-202F,
Method 201A
• Operating temperature: -40°C to +125°C
• Soldering heat resistance: 260°C, 10 Sec. max.
(IEC 60068-2-20)
Ordering
• Specify product and packaging code
(i.e., SS-5F-1A-AP)
Dimensions -
mm / [inches]
Electrical Characteristics
Rated
1 xIn
1.5 xIn
2 xIn
Current
min
max
max
800mA-10A
4hr
10 min
2 min091
Subminiature Fuses
SS-5F Series, Fast-Acting
0914 BU-SB07219
1 of 3
Data Sheet 2622
Pb
HALOGEN
HF
FREE
0.50 min.
7.85±0.20
0.60
5.08±0.10
8.50
±0.20
4.30±0.20
35.00
12.70
9.00
18.00
0.00±0.50
13.00


Similar Part No. - SS-5F

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SS-5F EATON-SS-5F Datasheet
830Kb / 5P
250 V Fast-acting subminiature fuse
SS-5F-1-25A-AP EATON-SS-5F-1-25A-AP Datasheet
830Kb / 5P
250 V Fast-acting subminiature fuse
SS-5F-1-25A-BK EATON-SS-5F-1-25A-BK Datasheet
830Kb / 5P
250 V Fast-acting subminiature fuse
SS-5F-1-25A-BK2 EATON-SS-5F-1-25A-BK2 Datasheet
830Kb / 5P
250 V Fast-acting subminiature fuse
SS-5F-1-6A-AP EATON-SS-5F-1-6A-AP Datasheet
830Kb / 5P
250 V Fast-acting subminiature fuse
More results

Similar Description - SS-5F

ManufacturerPart #DatasheetDescription
logo
Littelfuse
370 LITTELFUSE-370 Datasheet
91Kb / 2P
SUBMINIATURE FUSES
374 LITTELFUSE-374 Datasheet
93Kb / 2P
SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
Subminiature Fuses
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
Subminiature Fuses
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
Subminiature Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com