Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CMMX/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CMMX/NOPB
Description  Timer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555CMMX/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM555CMMX/NOPB Datasheet HTML 4Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 5Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 6Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 7Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 8Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 9Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 10Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 11Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
COMPARATOR
TRIGGER
FLIP FLOP
COMPARATOR
RESET
+Vcc
DISCHARGE
THRESHOLD
Vref (int)
OUTPUT
STAGE
CONTROL
VOLTAGE
OUTPUT
LM555
SNAS548D – FEBRUARY 2000 – REVISED JANUARY 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM555 is a highly stable device for generating accurate time delays or oscillation. Additional terminals are
provided for triggering or resetting if desired. In the time delay mode of operation, the time is precisely controlled
by one external resistor and capacitor. For astable operation as an oscillator, the free running frequency and duty
cycle are accurately controlled with two external resistors and one capacitor. The circuit may be triggered and
reset on falling waveforms, and the output circuit can source or sink up to 200mA or driver TTL circuits. The
LM555 are available in 8-pin PDIP, SOIC, and VSSOP packages and is a direct replacement for SE555/NE555.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Direct Replacement for SE555/NE555
The LM555 timer is a direct replacement for SE555 and NE555. It is pin-to-pin compatible so that no schematic
or layout changes are necessary. The LM555 come in an 8-pin PDIP, SOIC, and VSSOP package.
7.3.2 Timing From Microseconds Through Hours
The LM555 has the ability to have timing parameters from the microseconds range to hours. The time delay of
the system can be determined by the time constant of the R and C value used for either the monostable or
astable configuration. A nomograph is available for easy determination of R and C values for various time delays.
7.3.3 Operates in Both Astable and Monostable Mode
The LM555 can operate in both astable and monostable mode depending on the application requirements.
Monostable mode: The LM555 timer acts as a “one-shot” pulse generator. The pulse beings when the LM555
timer receives a signal at the trigger input that falls below a 1/3 of the voltage supply. The width of the output
pulse is determined by the time constant of an RC network. The output pulse ends when the voltage on the
8
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM555


Similar Part No. - LM555CMMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM555CMMX/NOPB TI-LM555CMMX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
More results

Similar Description - LM555CMMX/NOPB

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Festo Corporation.
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
   Timer
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com