Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CMMX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CMMX/NOPB
Description  Timer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555CMMX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM555CMMX/NOPB Datasheet HTML 1Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 2Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 3Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 4Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 5Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 6Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 7Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 8Page - Texas Instruments LM555CMMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
R
R
R
GND
TRIGGER
OUTPUT
RESET
1
2
3
4
+VCC
DISCHARGE
THRESHOLD
CONTROL
VOLTAGE
8
7
6
5
COMPAR-
ATOR
COMPAR-
ATOR
FLIP FLOP
OUTPUT
STAGE
VREF (INT)
LM555
www.ti.com
SNAS548D – FEBRUARY 2000 – REVISED JANUARY 2015
5 Pin Configuration and Functions
D, P, and DGK Packages
8-Pin PDIP, SOIC, and VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
Control
Controls the threshold and trigger levels. It determines the pulse width of the output
5
Voltage
I
waveform. An external voltage applied to this pin can also be used to modulate the output
waveform
Discharge
Open collector output which discharges a capacitor between intervals (in phase with output).
7
I
It toggles the output from high to low when voltage reaches 2/3 of the supply voltage
1
GND
O
Ground reference voltage
3
Output
O
Output driven waveform
Reset
Negative pulse applied to this pin to disable or reset the timer. When not used for reset
4
I
purposes, it should be connected to VCC to avoid false triggering
Threshold
Compares the voltage applied to the terminal with a reference voltage of 2/3 Vcc. The
6
I
amplitude of voltage applied to this terminal is responsible for the set state of the flip-flop
Trigger
Responsible for transition of the flip-flop from set to reset. The output of the timer depends
2
I
on the amplitude of the external trigger pulse applied to this pin
8
V+
I
Supply voltage with respect to GND
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM555


Similar Part No. - LM555CMMX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM555CMMX/NOPB TI-LM555CMMX/NOPB Datasheet
1Mb / 21P
Timing from Microseconds through Hours
More results

Similar Description - LM555CMMX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
Timer
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
Timer
August 31, 1994
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
Timer
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com