Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CM/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CM/NOPB
Description  Timer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555CM/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM555CM/NOPB Datasheet HTML 1Page - Texas Instruments LM555CM/NOPB Datasheet HTML 2Page - Texas Instruments LM555CM/NOPB Datasheet HTML 3Page - Texas Instruments LM555CM/NOPB Datasheet HTML 4Page - Texas Instruments LM555CM/NOPB Datasheet HTML 5Page - Texas Instruments LM555CM/NOPB Datasheet HTML 6Page - Texas Instruments LM555CM/NOPB Datasheet HTML 7Page - Texas Instruments LM555CM/NOPB Datasheet HTML 8Page - Texas Instruments LM555CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM555
www.ti.com
SNAS548D – FEBRUARY 2000 – REVISED JANUARY 2015
6.5 Electrical Characteristics
(TA = 25°C, VCC = 5 V to 15 V, unless otherwise specified)
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
4.5
16
V
Supply Current
VCC = 5 V, RL = ∞
3
6
mA
VCC = 15 V, RL = ∞
10
15
(Low State) (3)
Timing Error, Monostable
Initial Accuracy
1 %
Drift with Temperature
RA = 1 k to 100 kΩ,
50
ppm/°C
C = 0.1
μF, (4)
Accuracy over Temperature
1.5 %
Drift with Supply
0.1 %
V
Timing Error, Astable
Initial Accuracy
2.25
Drift with Temperature
RA, RB =1 k to 100 kΩ,
150
ppm/°C
C = 0.1
μF, (4)
Accuracy over Temperature
3.0%
Drift with Supply
0.30 %
/V
Threshold Voltage
0.667
x VCC
Trigger Voltage
VCC = 15 V
5
V
VCC = 5 V
1.67
V
Trigger Current
0.5
0.9
μA
Reset Voltage
0.4
0.5
1
V
Reset Current
0.1
0.4
mA
Threshold Current
(5)
0.1
0.25
μA
Control Voltage Level
VCC = 15 V
9
10
11
V
VCC = 5 V
2.6
3.33
4
Pin 7 Leakage Output High
1
100
nA
Pin 7 Sat (6)
Output Low
VCC = 15 V, I7 = 15 mA
180
mV
Output Low
VCC = 4.5 V, I7 = 4.5 mA
80
200
mV
Output Voltage Drop (Low)
VCC = 15 V
ISINK = 10 mA
0.1
0.25
V
ISINK = 50 mA
0.4
0.75
V
ISINK = 100 mA
2
2.5
V
ISINK = 200 mA
2.5
V
VCC = 5 V
ISINK = 8 mA
V
ISINK = 5 mA
0.25
0.35
V
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate
conditions for which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC
electrical specifications under particular test conditions which ensures specific performance limits. This assumes that the device is within
the Recommended Operating Conditions. Specifications are not ensured for parameters where no limit is given, however, the typical
value is a good indication of device performance.
(3)
Supply current when output high typically 1 mA less at VCC = 5 V.
(4)
Tested at VCC = 5 V and VCC = 15 V.
(5)
This will determine the maximum value of RA + RB for 15 V operation. The maximum total (RA + RB) is 20 MΩ.
(6)
No protection against excessive pin 7 current is necessary providing the package dissipation rating will not be exceeded.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM555


Similar Part No. - LM555CM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM555CM/NOPB TI-LM555CM/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
More results

Similar Description - LM555CM/NOPB

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
   Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
   Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
   Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
   Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
   Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
   Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
   Timer
logo
Festo Corporation.
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
   Timer
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
   Timer
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com