Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CM/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM555CM/NOPB
Description  Timer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM555CM/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM555CM/NOPB Datasheet HTML 11Page - Texas Instruments LM555CM/NOPB Datasheet HTML 12Page - Texas Instruments LM555CM/NOPB Datasheet HTML 13Page - Texas Instruments LM555CM/NOPB Datasheet HTML 14Page - Texas Instruments LM555CM/NOPB Datasheet HTML 15Page - Texas Instruments LM555CM/NOPB Datasheet HTML 16Page - Texas Instruments LM555CM/NOPB Datasheet HTML 17Page - Texas Instruments LM555CM/NOPB Datasheet HTML 18Page - Texas Instruments LM555CM/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LM555
www.ti.com
SNAS548D – FEBRUARY 2000 – REVISED JANUARY 2015
9 Power Supply Recommendations
The LM555 requires a voltage supply within 4.5 V to 16 V. Adequate power supply bypassing is necessary to
protect associated circuitry. The minimum recommended capacitor value is 0.1
μF in parallel with a 1-μF
electrolytic capacitor. Place the bypass capacitors as close as possible to the LM555 and minimize the trace
length.
10 Layout
10.1 Layout Guidelines
Standard PCB rules apply to routing the LM555. The 0.1-µF capacitor in parallel with a 1-µF electrolytic capacitor
should be as close as possible to the LM555. The capacitor used for the time delay should also be placed as
close to the discharge pin. A ground plane on the bottom layer can be used to provide better noise immunity and
signal integrity.
Figure 20 is the basic layout for various applications.
C1 – based on time delay calculations
C2 – 0.01-µF bypass capacitor for control voltage pin
C3 – 0.1-µF bypass ceramic capacitor
C4 – 1-µF electrolytic bypass capacitor
R1 – based on time delay calculations
U1 – LMC555
10.2 Layout Example
Figure 20. Layout Example
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM555


Similar Part No. - LM555CM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM555CM/NOPB TI-LM555CM/NOPB Datasheet
1Mb / 21P
Timing from Microseconds through Hours
More results

Similar Description - LM555CM/NOPB

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
Festo Corporation.
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
Timer
logo
Microsemi Corporation
TSC355 MICROSEMI-TSC355 Datasheet
489Kb / 4P
Timer
logo
National Semiconductor ...
LM555 NSC-LM555 Datasheet
822Kb / 12P
Timer
logo
Festo Corporation.
PZVT-300-SEC FESTO-PZVT-300-SEC Datasheet
83Kb / 1P
Timer
logo
NXP Semiconductors
NE555 PHILIPS-NE555 Datasheet
120Kb / 7P
Timer
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com