Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 10Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 11Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 12Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 13Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 14Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 15Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 16Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 17Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
8.17
LVDS (Low-Power CML) Output Characteristics
VDD_Yx_Yy, VDD_PRI, VDD_SEC, VDD_PLLx, DVDD, VDD_VCO = 1.71 V to 1.89 V, 2.375 V to 2.625 V, 3.135V to
3.465V, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT-I
Integer output divider
1.55
400
MHz
Output frequency
fOUT-F
Fractional output divider
0.78
400
MHz
fACC-F
Output frequency error (1)
Fractional output divider
-1
1
ppm
Output AC coupled
VCM-AC
AC coupled with 50
Ω receiver termination
VDD_Yx_Yy – 0.76
V
common mode voltage
Output DC coupled
VCM-DC
DC coupled with 50
Ω on-chip termination to VDD_Yx_Yy
VDD_Yx_Yy – 0.13
V
common mode voltage
|VOD|
Differential output voltage
100
Ω diff load AC coupling, (See Figure 12)
0.247
0.34
0.454
V
Differential output peak-to-
VOUT
2 x |VOD|
V
peak voltage
tR/tF
Output rise/fall time
±100mV around crossing point
300
ps
VDD_Yx = 1.8 V
–159.3
–154.5
dBc/Hz
PN-floor
Phase noise floor
fOUT= 122.88 MHz
VDD_Yx = 2.5/3.3 V
–159.1
–154.9
dBc/Hz
Y[3:0]
47.5%
52.5%
ODC
Output duty cycle
Not in bypass mode
Y[7:4]
45%
55%
ROUT
Output impedance
Measured from pin to VDD_Yx_Yy
167
Ω
(1)
The User's GUI calculates exact frequency error. It is a fixed, static offset. If the desired output target frequency is with the exact reach
of a multiple of 1 over 220, the actual output frequency error is 0.
8.18
HCSL Output Characteristics
VDD_Yx_Yy, VDD_PRI, VDD_SEC, VDD_PLLx, DVDD, VDD_VCO = 1.71 to 1.89 V, 2.375 V to 2.625 V,3.135 V to 3.465 V,
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT-I
Integer Output Divider
1.55
400
MHz
Output frequency
fOUT-F
Fractional Output Divider
0.78
400
MHz
fACC-F
Output Frequency Error (1)
Fractional Output Divider
-1
1
ppm
VDD_Yx_Yy = 2.5/3.3 V
0.2
0.34
0.55
V
VCM
Output Common Mode Voltage
VDD_Yx_Yy = 1.8 V
0.2
0.33
0.55
V
VDD_Yx_Yy = 2.5/3.3 V
0.4
0.67
1.0
V
|VOD|
Differential Output Voltage
VDD_Yx_Yy = 1.8 V
0.4
0.65
1.0
V
VDD_Yx_Yy = 2.5/3.3 V
1.0
2.1
V
Differential Output Peak-to-peak
VOUT
Voltage
VDD_Yx_Yy = 1.8 V
2 x|VOD|
V
Measured from VDIFF= –100 mV to
100
167
250
VDIFF = +100mV, VDD_Yx_Yy = 2.5/3.3 V
tR/tF
Output Rise/Fall Time
ps
Measured from VDIFF= –100 mV to
120
192
295
VDIFF= +100 mV, VDD_Yx_Yy = 1.8 V
VDD_Yx_Yy = 1.8 V
–158.8
–153
dBc/Hz
PN-floor
Phase Noise Floor
fOUT = 122.88 MHz
VDD_Yx = 2.5/3.3 V
–157.6
–153
dBc/Hz
ODC
Output Duty Cycle
Not in bypass mode
45%
55%
(1)
The User's GUI calculates exact frequency error. It is a fixed, static offset. If the desired output target frequency is with the exact reach
of A 1/220 multiple, the actual output frequency error is 0.
14
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com