Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 13 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 9Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 10Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 11Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 12Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 13Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 14Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 15Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 16Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
8.15
LVPECL (High-Swing CML) Output Characteristics
VDD_Yx_Yy = 1.71 V to 3.465 V, VDD_PRI, VDD_SEC, VDD_PLLx, DVDD, VDD_VCO = 1.71 V to 1.89 V, 2.375 V to 2.625
V, 3.135 V to 3.465 V, TA = –40°C TO 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT-I
Output frequency
Integer Output Divider
1.55
800
MHz
VDD_Yx
Output DC coupled common mode
_
VCM-DC
DC coupled with 50
Ω external termination to VDD_Yx_Yy
V
voltage
Yy – 0.4
100
Ω diff load AC coupling (See Figure 12), fOUT ≤ 250 MHz
VDD_Yx_Yy
≤ 1.89 V
0.45
0.75
1.12
V
VDD_Yx_Yy
≥ 2.375 V
0.6
0.8
1.12
V
|VOD|
Differential output voltage
100
Ω diff load AC coupling (See Figure 12), fOUT ≥ 250 MHz
VDD_Yx_Yy
≤ 1.89 V
0.73
V
VDD_Yx_Yy
≥ 2.375 V
0.55
0.75
1.12
V
Differential output peak-to-peak
VOUT
2 x |VOD|
V
voltage
±200 mV around crossing point
109
217
ps
tR/tF
Output rise/fall time
20% to 80% VOD
211
ps
tslew
Output rise/fall slew rate
3.7
5.1
7.3
V/ns
PN-floor
Phase noise floor
VDD_Yx_Yy = 3.3 V (See Figure 54)
–161.4
–155.8
dBc/Hz
ODC
Output duty cycle
Not in bypass mode
47.5%
52.5%
ROUT
Output impedance
measured from pin to VDD_Yx_Yy
50
Ω
8.16 CML Output Characteristics
VDD_Yx_Yy, VDD_PRI, VDD_SEC, VDD_PLLx, DVDD, VDD_VCO = 1.71V to 1.89V, 2.375V to 2.625V, 3.135V to 3.465V,
TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT-I
Output frequency
Integer Output Divider
1.55
800
MHz
Output AC coupled common
VCM-AC
AC coupled with 50
Ω receiver termination
VDD_Yx_Yy – 0.46
V
mode voltage
DC coupled with 50
Ω on-chip termination
Output DC coupled common
VCM-DC
VDD_Yx_Yy – 0.2
V
mode voltage
to VDD_Yx_Yy
|VOD|
Differential output voltage
100
Ω diff load AC coupling, (See Figure 12)
0.3
0.45
0.58
V
Differential output peak-to-peak
VOUT
2 x |VOD|
V
voltage
VDDYx = 1.8 V
100
151
300
ps
tR/tF
Output rise/fall time
20% to 80%
VDDYx = 2.5 V/3.3 V
100
143
200
ps
VDD_Yx_Yy = 1.8 V
–161.2
–155.8
dBc/Hz
PN-floor
Phase noise floor at > 5 Hz offset
fOUT = 122.88 MHz
VDD_Yx_Yy = 3.3 V
–161.2
–153.8
dBc/Hz
ODC
Output duty cycle
Not in bypass mode
47.5%
52.5%
ROUT
Output impedance
measured from pin to VDD_Yx_Yy
50
Ω
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com