Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 8Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 9Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 10Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 11Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 12Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 13Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 14Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 15Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
8.14 LVCMOS Output Characteristics
VDD_Yx_Yy = 1.71 V to 1.89V, 2.375 V to 2.625 V, 3.135 V to 3.465 V, TA = –40°C TO 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Fract Out divVDD_Yx_Yy = 2.5/3.3 V
0.78
250
fOUT-F
Output Frequency
Integer out divVDD_Yx_Yy = 2.5/3.3 V
1.55
250
MHz
Int or frac out divVDD_Yx_Yy = 1.8 V
0.78/1.5
200
fACC-F
Output Frequency Error (1)
Fractional Output Divider
–1
1
ppm
0.8 x
VOH
Output High Voltage (normal mode)
VDD_Yx = min to max, IOH = -1 mA
V
VDD_Yx_Yy
0.2 x
VOL
Output Low Voltage(normal mode)
VDD_Yx = min to max, IOL = 100 µA
V
VDD_Yx_Yy
0.7 x
VOH
Output High Voltage (slow mode)
VDD_Yx = min to max, IOH = -100 µA
V
VDD_Yx_Yy
0.3 x
VOL
Output Low Voltage(slow mode)
VDD_Yx = min to max, IOL = 100 µA
V
VDD_Yx_Yy
V OUT = VDD_Yx_Yy/2
IOH
Output High Current
Normal mode
–50
-8
mA
Slow mode
–45
-5
mA
V OUT = VDD_Yx_Yy/2
IOL
Output Low Current
Normal mode
10
55
mA
Slow mode
5
40
mA
20% to 80%, VDD_Yx_Yy = 2.5/3.3 V,
Output Rise/Fall Slew Rate (normal
5.37
V/ns
mode)
CL = 5 pF
tSLEW-RATE-N
20% to 80%, VDD_Yx_Yy = 1.8 V,
Output Rise/Fall Slew Rate (normal
2.62
V/ns
mode)
CL = 5 pF
20% to 80%, VDD_Yx_Yy = 2.5/3.3 V,
Output Rise/Fall Slew Rate (slow
4.17
V/ns
mode)
CL = 5 pF
tSLEW-RATE-S
20% to 80%, VDD_Yx_Yy = 1.8 V,
Output Rise/Fall Slew Rate (slow
1.46
V/ns
mode)
CL = 5 pF
PN-floor
Phase Noise Floor
fOUT = 122.88 MHz
–159.5
–154
dBc/Hz
ODC
Output Duty Cycle
Not in bypass mode
45%
55%
V OUT = VDD_Yx/2
ROUT
Output Impedance
Normal mode
30
50
90
Ω
Slow mode
45
74
130
(1)
The User's GUI calculates exact frequency error. It is a fixed, static offset. If the desired output target frequency is with the exact reach
of a multiple 1 over 220, the actual output frequency error is 0.
Note: In LVCMOS Mode, positive and negative outputs are in phase.
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com