Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 6Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 7Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 8Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 9Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 10Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 11Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 12Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 13Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
8.10 Differential Input Characteristics (PRI_REF, SEC_REF)
VDD_PRI, VDD_SEC = 1.71 V to 1.89 V, 2.375 V to 2.625 V, 3.135 V to 3.465 V, TA = –40°C TO 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN
Reference and Bypass Input Frequency
0.008
250
MHz
VDD_PRI/SEC = 2.5/3.3 V
0.2
1.6
VPP
Differential Input Voltage Swing, Peak-to-
VI
Peak
VDD_PRI/SEC = 1.8 V
0.2
1
VPP
VDD_PRI/V
VDD_PRI/V
VICM
Input Common Mode Voltage
CML input signaling, R4[7:6] = 00
DD_SEC-
DD_SEC-
V
0.4
0.1
LVDS, VDD_PRI/SEC
= 1.8/2.5/3.3 V,
VICM
Input Common Mode Voltage
0.8
1.2
1.5
V
R4[7:6] = 01, R4.1 = d.c.,
R4.0 = d.c.
LVDS (Q4[7:6,4:3] = 01)
15
65
mVpp
VHYST
Input hysteresis
CML (Q4[7:6,4:3] = 00)
20
85
mVpp
IIH
Input High Current
VDD_PRI/SEC = 3.465 V, VIH = 3.465 V
30
µA
IIL
Input Low Current
VDD_PRI/SEC = 3.465V, VIL = 0 V
-30
µA
ΔV/ΔT
Reference Input Edge Rate
20% - 80%
0.75
V/ns
IDCDIFF
Reference Input Duty Cycle
30%
70%
CIN
Input Capacitance
2.7
pF
8.11 Crystal Input Characteristics (SEC_REF)
VDD_SEC = 1.71 to 1.89 V, 2.375 V to 2.625 V, 3.135 V to 3.465 V,TA = –40°C to 85°C
PARAMETER
MIN
TYP
MAX
UNIT
MODE OF OSCILLATION
FUNDAMENTAL
See note (1)
10
30.72
MHz
Frequency
See note (2)
30.73
50
MHz
10 MHz
150(3)
Equivalent Series Resistance (ESR)
25 MHz
70(4)
Ω
50 MHz
30(5)
1.8 V / 3.3 V SEC_REFP
3.5
4.5
5.5
On-chip load capacitance
1.8 V SEC_REFN
5.5
7.25
8.5
pF
3.3 V SEC_REFN
6.5
7.34
8.5
Drive Level
See note (6)
200
µW
(1)
Verified with crystals specified for a load capacitance of CL=8pF, the pcb related capacitive load was estimated to be 2.3pF, and
completed with a load capacitors of 4pF on each crystal terminal connected to GND. XTALs tested: NX3225GA 10MHz EXS00A-
CG02813 CRG, NX3225GA 19.44MHz EXS00A-CG02810 CRG, NX3225GA 25MHz EXS00A-CG02811 CRG, and NX3225GA
30.72MHz EXS00A-CG02812 CRG.
(2)
For 30.73 MHz to 50 MHz, it is recommended to verify sufficient negative resistance and initial frequency accuracy with the crystal
vendor. The 50 MHz use case was verified with a NX3225GA 50MHz EXS00A-CG02814 CRG. To meet a minimum frequency error, the
best choice of the XTAL was one with CL = 7pF instead of CL = 8pF.
(3)
With NX3225GA_10M the measured remaining negative resistance on the EVM is 6430
Ω (43 x margin)
(4)
With NX3225GA_25M the measured remaining negative resistance on the EVM is 1740
Ω (25 x margin)
(5)
With NX3225GA_50M the measured remaining negative resistance on the EVM is 350
Ω (11 x margin)
(6)
Maximum drive level measured was 145 µW; XTAL should at least tolerate 200 µW
10
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com