Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 72 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 68Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 69Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 70Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 71Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 72Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 73Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 74Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 75Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 87 page
background image
CDCM6208
50k
CPDN
VDVDD
PDN
t?0
VDVDD
VPDN
1.3V
VIH(min)
0V
0V
1.8V,
2.5V, or
3.3V
VDVDD
VDD_PLL1, VDD_PLL2, VDD_PRI,
VDD_SEC all must rise before PDN toggles high
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
12 Power Supply Recommendations
12.1 Power Rail Sequencing, Power Supply Ramp Rate, and Mixing Supply Domains
Mixing Supplies: The CDCM6208V1F incorporates a very flexible power supply architecture. Each building
block has its own power supply domain, and can be driven independently with 1.8 V, 2.5 V, or 3.3 V . This is
especially of advantage to minimize total system cost by deploying multiple low-cost LDOs instead of one, more-
expensive LDO. This also allows mixed IO supply voltages (e.g. one CMOS output with 1.8 V, another with 3.3
V) or interfacing to a SPI/I2C controller with 3.3 V supply while other blocks are driven from a lower supply
voltage to minimize power consumption. The CDCM6208V1F current consumption is practically independent of
the supply voltage, and therefore a lower supply voltage consumes lower device power. Also note that outputs
Y3:0 if used for PECL swing will provide higher output swing if the according output domains are connected to
2.5 V or 3.3 V.
Power-on Reset: The CDCM6208V1F integrates a built-in POR circuit, that holds the device in powerdown until
all input, digital, and PLL supplies have reached at least 1.06 V (min) to 1.24 V (max). After this power-on
release, device internal counters start (see previous section on device power up timing) followed by device
calibration. While the device digital circuit resets properly at this supply voltage level, the device is not ready to
calibrate at such a low voltage. Therefore, for slow power up ramps, the counters expire before the supply
voltage reaches the minimum voltage of 1.71 V. Hence for slow power-supply ramp rates, it is necessary to delay
calibration further using the PDN input.
Slow power-up supply ramp: No particular power supply sequence is required for the CDCM6208V1F.
However, it is necessary to ensure that device calibration occurs AFTER the DVDD supply as well as the
VDD_PLL1, VDD_PLL2, VDD_PRI, and VDD_SEC supply are all operational, and the voltage on each supply is
higher than 1.45. This is best realized by delaying the PDN low-to-high transition. The PDN input incorporates a
50 k
Ω resistor to DVDD. Assuming the DVDD supply ramp has a fixed time relationship to the slowest of all PLL
and input power supplies, a capacitor from PDN to GND can delay the PDN input signal sufficiently to toggle
PDN low-to-high AFTER all other supplies are stable. However, if the DVDD supply ramps much sooner than the
PLL or input supplies, additional means are necessary to prevent PDN from toggling too early. A premature
toggling of PDN would possibly result in failed PLL calibration, which can only be corrected by re-calibrating the
PLL by either toggling PDN or RESET high-low-high.
Figure 58. PDN Delay When Using Slow Ramping Power Supplies (Supply Ramp > 50 ms)
12.1.1 Fast Power-up Supply Ramp
If the supply ramp time for DVDD, VDD_PLL1, VDD_PLL2, VDD_PRI, and VDD_SEC are faster than 50 ms from
0 V to 1.8 V, no special provisions are necessary on PDN; the PDN pin can be left floating. Even an external
capacitor to GND can be omitted in this circumstance, as the device delays calibration sufficiently by internal
means.
72
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com