Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 70 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 66Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 67Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 68Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 69Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 70Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 71Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 72Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 73Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 87 page
background image
A
Ref
-14.1 dBm
Att
5 dB
*
*
*
*
1 RM
CLRWR
RBW 30 kHz
VBW 300 kHz
SWT 1 s
NOR
*
Center
245.76 MHz
Span
25.5 MHz
2.55 MHz/
PRN
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Tx Channel
W-CDMA 3GPP FWD
Bandwidth
3.84 MHz
Power
-9.39 dBm
Adjacent Channel
Bandwidth
3.84 MHz
Lower
-72.81 dB
Spacing
5 MHz
Upper
-72.40 dB
Alternate Channel
Bandwidth
3.84 MHz
Lower
-77.79 dB
Spacing
10 MHz
Upper
-78.31 dB
A
Ref
-14.1 dBm
Att
5 dB
*
*
*
*
1 RM
CLRWR
RBW 30 kHz
VBW 300 kHz
SWT 1 s
NOR
*
Center
245.76 MHz
Span
25.5 MHz
2.55 MHz/
PRN
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
Tx Channel
W-CDMA 3GPP FWD
Bandwidth
3.84 MHz
Power
-9.40 dBm
Adjacent Channel
Bandwidth
3.84 MHz
Lower
-73.12 dB
Spacing
5 MHz
Upper
-73.06 dB
Alternate Channel
Bandwidth
3.84 MHz
Lower
-79.22 dB
Spacing
10 MHz
Upper
-79.19 dB
245.76MHz DAC
driven from ³LGHDOVRXUFH´
(Wenzel oscillator buffered by HP8133A)
245.76MHz DAC
driven from CDCM6208
(no performance degradation observed)
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
Observation: up to an IF = 100 MHz, The ADC performance when driven by the CDCM6208V1F (Figure 53) is
similar to when the ADC is driven by an expensive lab signal generator with additional passive source filtering
(Figure 52).
Conclusion Therefore, the CDCM6208V1F is usable for applications up to 100 MHz IF. For IF above 100 MHz,
the SNR starts degrading in our experiments. Measurements were conducted with ADC connected to Y0 and
other outputs running at different integer frequencies.
Important note on crosstalk: it is highly recommended that both pre-dividers are configured identically, as
otherwise SFDR and SNR suffer due to crosstalk between the two pre-divider frequencies.
Figure 54. DAC Driven by Lab Source and CDCM6208V1F in Comparison (Performance Identical)
Observation/Conclusion: The DAC performance was not degraded at all by the CDCM6208V1F compared to
driving the DAC with a perfect lab source. Therefore, the CDCM6208V1F provides sufficient low noise to drive a
245.76 MHz DAC.
70
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com