Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 64 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 60Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 61Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 62Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 63Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 64Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 65Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 66Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 67Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
÷ 1, 2 or 3
Pre-Scaler
output clock
398-800MHz
Limit: 200-400MHz
÷ 4, 5 or 6
VCO
2.39-2.55GHz
2.94-3.13GHz
Pre-Scaler PS_A or PS_B
FracDiv Pre Divider
Reg 9.12:10
Reg 12.12:10
Reg 15.12:10
Reg 18.12:10
÷ 1 to 256
Reg 10.11:4
Reg 13.11:4
Reg 16.11:4
Reg 19.11:4
Integer Divider
Reg 3.4:0
.xxx
Reg 10.3:0 + Reg 11
Reg 13.3:0 + Reg 14
Reg 16.3:0 + Reg 17
Reg 19.3:0 + Reg 20
Fractional Divider (simplified)
Fractional division
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
11.2.1.16.3
Integer Output Divider (IO)
Each integer output divider is made up of a continuous 10-b counter. The output buffer itself contributes only little
to the total device output jitter due to a low output buffer phase noise floor. The typical output phase noise floor
at an output frequency of 122.88 MHz, 20 MHz offset from the carrier measures as follows: LVCMOS: -157.8
dBc/Hz, LVDS: -158 dBc/Hz, LVPECL: -158.25 dBc/Hz, HCSL: -160 dBc/Hz. Therefore, the overall contribution
of the output buffer to the total jitter is approximately 50 fs-rms (12 k - 20 MHz). An actual measurement of phase
noise floor with different output frequencies for one nominal until yielded the following:
Table 37. Integer Output Divider (IO)
fOUT
LVDS (Y0)
PECL (Y0)
CML (Y0)
HCSL (Y4)
CMOS 3p3V (Y7)
737.28 MHz
-154.0 dBc/Hz
-154.8 dBc/Hz
-154.4 dBc/Hz
-153.1 dBc/Hz
-150.9 dBc/Hz
368.64 MHz
-157.0 dBc/Hz
-155.8 dBc/Hz
-156.4 dBc/Hz
-153.9 dBc/Hz
-153.1 dBc/Hz
184.32 MHz
-157.3 dBc/Hz
-158.6 dBc/Hz
158.1 dBc/Hz
-154.7 dBc/Hz
-156.2 dBc/Hz
92.16 MHz
-161.2 dBc/Hz
-161.6 dBc/Hz
-161.4 dBc/Hz
-155.2 dBc/Hz
-159.4 dBc/Hz
46.08 MHz
-162.2 dBc/Hz
-165.0 dBc/Hz
-163.0 dBc/Hz
-154.0 dBc/Hz
-162.8 dBc/Hz
11.2.1.16.4
Fractional Output Divider (FOD)
The CDCM6208V1F incorporates a fractional output divider on Y[7:4], allowing these outputs to run at non-
integer output divide ratios of the PLL frequencies. This feature is useful when systems require different,
unrelated frequencies. The fractional output divider architecture is shown in Figure 47.
Figure 47. Fractional Output Divider Principle Architecture
(Simplified Graphic, not Showing Output Divider Bypass Options)
The fractional output divider requires an input frequency between 400 MHz and 800 MHz, and outputs any
frequency equal or less than 400 MHz (the minimum fractional output divider setting is 2). The fractional divider
block has a first stage integer pre-divider followed by a fractional sigma-delta output divider block that is deep
enough such as to generate any output frequency in the range of 0.78 MHz to 400 MHz from any input frequency
in the range of 400 MHz to 800 MHz with a worst case frequency accuracy of no more than ±1ppm. The
fractional values available are all possible 20-b representations of fractions within the following range:
1.0
≤ ƒracDIV ≤ 1.9375
2.0
≤ ƒracDIV ≤ 3.875
4.0
≤ ƒracDIV ≤ 5.875
x.0
≤ ƒracDIV ≤ (x + 1) + 0.875 with x being all even numbers from x = 2, 4, 6, 8, 10, ...., 254
254.0
≤ ƒracDIV ≤ 255.875
256.0
≤ ƒracDIV ≤ 256.99999
The CDCM6208V1F user GUI comprehends the fractional divider limitations; therefore, using the GUI to
comprehend frequency planning is recommended.
64
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com