Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 63 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 59Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 60Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 61Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 62Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 63Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 64Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 65Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 66Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
ELF
R2
C2
C1
R3
C3
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
Figure 46. CDCM6208V1F PLL Loop Filter Topology
11.2.1.16.1
Loop Filter Component Selection
The loop filter setting and external resistor selection is important to set the PLL to best possible bandwidth and to
minimize jitter. A high bandwidth (
≥ 100 kHz) provides best input signal tracking and is therefore desired with a
clean input reference (synthesizer mode). A low bandwidth (
≤ 1 kHz) is desired if the input signal quality is
unknown (jitter cleaner mode). TI provides a software tool that makes it easy to select the right loop filter
components. C1, R2, and C2 are external loop filter components, connected to the ELF pin. The 3 rd pole of the
loop filter is device internal with R3 and C3 register selectable.
11.2.1.16.2
Device Output Signaling
LVDS-like: All outputs Y[7:0] support LVDS-like signaling. The actual output stage uses a CML structure and
drives a signal swing identical to LVDS (~350mV). The output slew rate is faster than standard LVDS for best
jitter performance. The LVDS-like outputs should be AC-coupled when interfacing to a LVDS receiver. See
reference schematic Figure 64 for an example. The supply voltage for outputs configured LVDS can be selected
freely between 1.8 V and 3.3 V.
LVPECL-like: Outputs Y[3:0] support LVPECL-like signaling. The actual output stage uses a CML structure but
drives the same signal amplitude and rise time as true emitter coupled logic output stages. The LVPECL-like
outputs should be AC-coupled, and contrary to standard PECL designs, no external termination resistor to VCC-
2V is used (fewer components for lowest BOM cost). See reference schematic Figure 64 for an example. The
supply voltage for outputs configured LVPECL-like is recommended to be 3.3 V, though even 1.8 V provides
nearly the same output swing and performance at much lower power consumption.
CML: Outputs Y[3:0] support standard CML signaling. The supply voltage for outputs configured CML can be
selected freely between 1.8 V and 3.3 V. A true CML receiver can be driven DC coupled. All other differential
receiver should connected using AC coupling. See reference schematic Figure 64 for a circuit example.
HCSL: Outputs Y[7:4] support HCSL signaling. The supply voltage for outputs configured HCSL can be selected
freely between 1.8 V and 3.3 V. HCSL is referenced to GND, and requires external 50
Ω termination to GND.
See reference schematic for an example.
CMOS: Outputs Y[7:4] support 1.8 V, 2.5 V, and 3.3 V CMOS signaling. A fast or reduced slew rate can be
selected through register programming. Each differential output port can drive one or two CMOS output signals.
Both signals are “in-phase”, meaning their phase offset is zero degrees, and not 180
˚. The output swing is set by
providing the according supply voltage (for example, if VDD_Y4=2.5 V, the output swing on Y4 will be 2.5 V
CMOS). Outputs configured for CMOS should only be terminated with a series-resistor near the device output to
preserve the full signal swing. Terminating CMOS signals with a 50
Ω resistor to GND would reduce the output
signal swing significantly.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com