Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 57 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 53Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 54Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 55Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 56Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 57Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 58Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 59Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 60Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 87 page
background image
RESET=low
CDCM6208
Step 1
SPI or I2C
Master
GPO
Configure
Registers
0 to 21
CDCM6208
Step 2
SPI or I2C
Master
GPO
Release
RESET
50k
DVDD
RESET=high
50k
DVDD
Register
Space
Register
Space
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
Typical Applications (continued)
11.2.1.4 Preventing False Output Frequencies in SPI/I2C Mode at Startup:
Some systems require a custom configuration and cannot tolerate any output to start up with a wrong frequency.
Holding RESET low at power-up until the device is fully configured keeps all outputs disabled. The device
calibrates automatically after RESET becomes released and starts out with the desired output frequency.
NOTE
The RESETN pin cannot be held low during I2C communication. Instead, use the SYNC
pin to disable the outputs during an I2C write operation, and toggle RESETN pin
afterwards. Alternatively, other options exist such as using the RESETN bit in the register
space to disable outputs until the write operation is complete.
Figure 41. Reset Pin Control During Register Loading
11.2.1.5 Power Down
When the PDN pin = 0, the device enters a complete power down mode with a current consumption of no more
than 1 mA from the entire device.
11.2.1.6 Device Power Up Timing:
Before the device outputs turn on after power up, the device goes through the following initialization routine:
Table 35. Initialization Routine
STEP
DURATION
COMMENTS
Depends on customer supply
The POR monitor holds the device in power-down or reset until the
Step 1: Power up ramp
ramp time
VDD supply voltage reaches 1.06 V (min) to 1.26 V (max)
Depends on XTAL. Could be
This step assumes RESETN = 1 and PDN = 1.The XTAL startup
several ms;
time is the time it takes for the XTAL to oscillate with sufficient
Step 2: XO startup (if crystal is
For NX3225GA 25 MHz typical
amplitude. The CDCM6208V1F has a built-in amplitude detection
used)
XTAL startup time measures 200
circuit, and holds the device in reset until the XTAL stage has
µs.
sufficient swing.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com