Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 54 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 50Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 51Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 52Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 53Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 54Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 55Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 56Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 57Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 87 page
background image
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
Typical Applications (continued)
11.2.1.1 Device Block-level Description
The CDCM6208V1F includes an on-chip PLL with an on-chip VCO. The PLL blocks consist of a universal input
interface, a phase frequency detector (PFD), charge pump, partially integrated loop filter, and a feedback divider.
Completing the CDCM6208V1F device are the combination of integer and fractional output dividers, and
universal output buffers. The PLL is powered by on-chip low dropout (LDO), linear voltage regulators and the
regulated supply network is partitioned such that the sensitive analog supplies are running from separate LDOs
than the digital supplies which use their own LDO. The LDOs provide isolation of the PLL from any noise in the
external power supply rail with a PSNR of better than -50 dB at all frequencies. The regulator capacitor pin
REG_CAP should be connected to ground by a 10 µF capacitor with low ESR (e.g. below 1
Ω ESR) to ensure
stability.
11.2.1.2 Device Configuration Control
Figure 40 illustrates the relationships between device states, the control pins, device initialization and
configuration, and device operational modes. In pin mode, the state of the control pins determines the
configuration of the device for all device states. In programming mode, the device registers are initialized to their
default state and the host can update the configuration by writing to the device registers. A system may transition
a device from pin mode to host connected mode by changing the state of the SI_MODE pins and then triggering
a device reset (either via the RESETN pin or via setting the RESETN bit in the device registers). In reset, the
device disables the outputs so that unwanted sporadic activity associated with device initialization does not
appear on the device outputs.
54
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1HRGZR TI2-CDCM6208V1HRGZR Datasheet
3Mb / 94P
CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
REVISED JANUARY 2018
CDCM6208V1HRGZR.A TI2-CDCM6208V1HRGZR.A Datasheet
3Mb / 94P
CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
REVISED JANUARY 2018
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com