Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 5 Page - Texas Instruments

  CDCM6208V1FRGZR Datasheet HTML 1Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 2Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 3Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 4Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 5Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 6Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 7Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 8Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
LVCMOS out
Output/I
LVCMOS in
SDO: SPI Serial Data AD0: I2C Address Offset Bit 0 inputPIN2: Control pin 2 in pin
SDO/AD0/PIN2
3
nput
LVCMOS in
mode
no pull resistor
LVCMOS no pull
SCS: SPI Latch EnableAD1: I2C Address Offset Bit 1 inputPIN3: Control pin 3 in pin
SCS/AD1/PIN 3
4
Input
resistor
mode
LVCMOS no pull
SCL/PIN4
5
Input
SCL: SPI/I2C ClockPIN4: Control pin 4 in pin mode
resistor
In SPI/I2C programming mode, external RESETN signal (active low).
RESETN = V IL: device in reset (registers values are retained)
RESETN = V IH: device active. The device can be programmed via SPI while
RESETN is held low (this is useful to avoid any false output frequencies at power
LVCMOS
RESETN/PWR
44
Input
up). (2)
w/ 50k
Ω pull-up
In Pin mode this pin controls device core and I/O supply voltage setting. 0 = 1.8 V, 1
= 2.5/3.3 V for the device core and I/O power supply voltage. In pin mode, it is not
possible to mix and match the supplies. All supplies should either be 1.8 V or 2.5/3.3
V.
Regulator Capacitor; connect a 10 µF cap with ESR below 1
Ω to GND at
REG_CAP
40
Output
Analog
frequencies above 100 kHz
Power Down Active low. When PDN = VIH is normal operation. When PDN = VIL, the
device is disabled and current consumption minimized. Exiting power down resets
LVCMOS
PDN
43
Input
the entire device and defaults all registers. It is recommended to connect a capacitor
w/ 50k
Ω pull-up
to GND to hold the device in power-down until the digital and PLL related power
supplies are stable. See section on power down in the application section.
LVCMOS
Active low. Device outputs are synchronized on a low-to-high transition on the
SYNCN
42
Input
w/ 50k
Ω pull-up
SYNCN pin. SYNCN held low disables all outputs.
(2)
Note: the device cannot be programmed in I2C while RESETN is held low.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com