Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 45 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 41Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 42Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 43Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 44Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 45Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 46Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 47Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 48Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
Table 15. Register 4 (continued)
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
Primary Input (R) Divider Selection:
11:8
CLK_PRI_DIV[3:0]
Primary Input Divider
0000
→ Divide by 1
1111
→ Divide by 16
Secondary Input Buffer Type Selection:
00
→ CML
7:6
SEC_SELBUF[1:0]
01
→ LVDS
10
→ LVCMOS
Secondary Input
11
→ Crystal
Secondary input enable:
5
EN_SEC_CLK
0
→ Disable
1
→ Enable
Primary Input Buffer Type Selection:
00
→ CML
4:3
PRI_SELBUF[1:0]
01
→ LVDS
10
→ LVCMOS
Primary Input
11
→ LVCMOS
Primary input enable:
2
EN_PRI_CLK
0
→ Disable
1
→ Enable
Supply voltage for secondary input:
1
SEC_SUPPLY (1)
Secondary Input
0
→ 1.8 V
1
→ 2.5/3.3 V
Supply voltage for primary input:
0
PRI_SUPPLY (2)
Primary Input
0
→ 1.8 V
1
→ 2.5/3.3 V
(1)
It is ok to power up the device with a 2.5 V/3.3 V supply while this bit is set to 0. To ensure best device performance this registers
should be updated after power-up to reflect the true VDD_SEC supply voltage used.
(2)
It is ok to power up the device with a 2.5 V/3.3 V supply while this bit is set to 0. To ensure best device performance this registers
should be updated after power-up to reflect the true VDD_PRI supply voltage used.
Table 16. Register 5
BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
15
RESERVED
This bit must be set to 0
14
RESERVED
This bit must be set to 0
13
RESERVED
This bit must be set to 0
12
RESERVED
This bit must be set to 0
11
RESERVED
This bit must be set to 0
10
RESERVED
This bit must be set to 0
9
RESERVED
This bit must be set to 0
Output Channel 1 Type Selection:
00, 01
→ LVDS
8:7
SEL_DRVR_CH1[1:0]
10
→ CML
11
→ PECL
Output Channel 1
Output channel 1 enable:
00
→ Disable
6:5
EN _CH1[1:0]
01
→ Enable
10
→ Drive static 0
11
→ Drive static 1
Output Channel 0 Type Selection:
00, 01
→ LVDS
4:3
SEL_DRVR_CH0[1:0]
10
→ CML
11
→ PECL
Output Channel 0
Output channel 0 enable:
00
→ Disable
2:1
EN_CH0[1:0]
01
→ Enable
10
→ Drive static 0
11
→ Drive static 1
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com