Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 38 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 34Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 35Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 36Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 37Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 38Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 39Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 40Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 41Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
When the output frequency plan calls for the use of some output dividers as fractional values, the following steps
are needed to calculate the closest achievable frequencies for those using fractional output dividers and the
frequency errors (difference between the desired frequency and the closest achievable frequency).
Based on system needs, decide the frequencies that need to have best possible jitter performance.
Once decided, these frequencies need to be placed on integer output dividers.
Then a frequency plan for these frequencies with strict jitter requirements can be worked out using the
common divisor algorithm.
Once the integer divider plans are worked out, the PLL settings (including VCO frequency, feedback divider,
input divider and prescaler divider) can be worked out to map the input frequency to the frequency out of the
prescaler divider.
Then calculate the fractional divider values (whose values must be greater than 2) that are needed to support
the output frequencies that are not part of the common frequency plan from the common divisor algorithm
already worked out.
For each fractional divider value, try to represent the fractional portion in a 20 bit binary scheme, where the
first fractional bit is represented as 0.5, the second fractional bit is represented as 0.25, third fractional bit is
represented as 0.125 and so on. Continue this process until the entire 20 bit fractional binary word is
exhausted.
Once exhausted, the fraction can be calculated as a cumulative sum of the fractional bit x fractional value of
the fractional bit. Once this is done, the closest achievable output frequency can be calculated with the
mathematical function of the frequency out of the prescaler divider divided by the achievable fractional
divider.
The frequency error can then be calculated as the difference between the desired frequency and the closest
achievable frequency.
10.5 Programming
10.5.1 Writing to the CDCM6208V1F
To initiate a SPI data transfer, the host asserts the SCS (serial chip select) pin low. The first rising edge of the
clock signal (SCL) transfers the bit presented on the SDI pin of the CDCM6208V1F. This bit signals if a read
(first bit high) or a write (first bit low) will transpire. The SPI port shifts data to the CDCM6208V1F with each
rising edge of SCL. Following the W/R bit are 4 fixed bits followed by 11 bits that specify the address of the
target register in the register file. The 16 bits that follow are the data payload. If the host sends an incomplete
message, (i.e. the host de-asserts the SCS pin high prior to a complete message transmission), then the
CDCM6208V1F aborts the transfer, and device makes no changes to the register file or the hardware. Figure 32
shows the format of a write transaction on the CDCM6208V1F SPI port. The host signals the CDCM6208V1F of
the completed transfer and disables the SPI port by de-asserting the SCS pin high.
38
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com