Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 37 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 33Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 34Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 35Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 36Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 37Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 38Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 39Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 40Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 87 page
background image
OSC
=
OUT
(O × PS_A)
f
f
SEC_REF
VCO
=
M
(N × PS_A)
f
f
PRI_REF
VCO
=
(M × R)
(N × PS_A)
f
f
D
15
D
14
D
13
D
12
D
11
D
10
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
0
0
0
0
A
10
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
Fixed (4 bits)
Register Address (11 bits)
Data Payload (16 bits)
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Message Field Definition
Bit Definition
Order of Transmission
First Out
Examples:
Read Register 4:
1|000 0|000 0000 0100| xxxx xxxx xxxx xxxx
Write 0xF0F1 to Register 5:
0|000 0|000 0000 0101| 1111 0000 1111 0001
MSB
LSB
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
10.4.5.2 SPI - Serial Peripheral Interface
To enable the SPI port, tie the communication select pins SI_MODE[1:0] to ground. SPI is a master/slave
protocol in which the host system is always the master; therefore, the host always initiates communication
to/from the device. The SPI interface consists of four signal pins. The device SPI address is 0000.
Table 8. Serial Port Signals in SPI Mode
PIN
I/O
DESCRIPTION
NAME
NUMBER
SDI/SDA/PIN1
2
Input
SDI: SPI Serial Data Input
SDO/AD0/PIN2
3
Output
SDO: SPI Serial Data
SCS/AD1/PIN3
4
Input
SCS: SPI Latch Enable
SCL/PIN4
5
Input
SCL: SPI/I2C Clock
The host must present data to the device MSB first. A message includes a transfer direction bit, an address field,
and a data field as depicted in Figure 30
Figure 30. CDCM6208V1F SPI Message Format
10.4.5.2.1
Configuring the PLL
The CDCM6208V1F allows configuring the PLL to accommodate various input and output frequencies either
through an I2C or SPI programming interface or in the absence of programming, the PLL can be configured
through control pins. The PLL can be configured by setting the Smart Input MUX, Reference Divider, PLL Loop
Filter, Feedback Divider, Prescaler Divider, and Output Dividers.
For the PLL to operate in closed loop mode, the following condition in Equation 2 has to be met when using
primary input for the reference clock, and the condition in Equation 3 has to be met when using secondary input
for the reference clock.
(2)
(3)
In Equation 2 and Equation 3, ƒPRI_REF is the reference input frequency on the primary input and ƒSEC_REF is the
reference input frequency on the secondary input, R is the reference divider, M is the input divider, N is the
feedback divider, and PS_A the prescaler divider A.
The output frequency, ƒOUT, is a function of ƒVCO, the prescaler A, and the output divider (O), and is given by
Equation 4. (Use PS_B in for outputs 2, 3, 6, and 7).
(4)
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com