Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 35 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 31Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 32Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 33Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 34Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 35Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 36Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 37Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 38Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
Device
Control
And
Status
STATUS0
STATUS1/PIN0
PDN
RESETN/PWR
SCL/PIN4
SDI/SDA/PIN1
SDO/AD0/PIN2
SCS/AD1/PIN3
SI_MODE0
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg 0
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg1
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg2
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg3
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg 20
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg 21
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg 22
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg 23
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg30
15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
0
Reg31
REGISTER SPACE
Device
Hardware
SPI/
I2C
Port
Control/
Status
Pins
SPI: SI_MODE[1:0]=00;
I2C: SI_MODE[1:0]=01;
Pin Mode: SI_MODE[1:0]=10
SI_MODE1
Comm
Select
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
NOTE
It is recommended to assert only one out of the three register bits for each of the status
pins. For example, to monitor the PLL lock status on STATUS0 and the selected reference
clock sources on STATUS1 output, the device register settings would be Q3.12 = Q3.7 =
1 and Q3.11 = Q3.10 = Q3.9 = Q3.8 = 0. If a status pin is unused, it is recommended to
set the according 3 register bits to zero (e.g. Q3[12:9] = 0 for STATUS0 = 0). If more than
one bit is enabled for each STATUS signal, the function becomes OR'ed. For example, if
Q3.11 = Q3.10 = 1 and Q3.12 = 0, the STATUS0 output would be high either if the device
goes out of lock or the selected reference clock signal is lost.
10.4.4 PLL Lock Detect
The PLL lock detection circuit is a digital detection circuit which detects any frequency error, even a single cycle
slip. The PLL unlock is signalized when a certain number of cycle slips have been exceeded, at which point the
counter is reset. A frequency error of 2% will cause PLL unlock to stay low. A 0.5% frequency error shows up as
toggling the PLL lock output with roughly 50% duty cycle at roughly 1/1000 th of the PFD update frequency to the
device. A frequency error of 1ppm would show up as rare toggling low for a duration of approximately 1000 PFD
update clock cycles. If the system plans using PLL lock to toggle a system reset, then consider adding an RC
filter on the PLL LOCK output (Status 1 or Status 0) to avoid rare cycle slips from triggering an entire system
reset.
10.4.5 Interface and Control
The host (DSP, Microcontroller, FPGA, etc) configures and monitors the CDCM6208V1F via the SPI or I2C port.
The host reads and writes to a collection of control/status bits called the register file. Typically, a hardware block
is controlled and monitored via a specific grouping of bits located within the register file. The host controls and
monitors certain device-wide critical parameters directly, via control/status pins. In the absence of a host, the
CDCM6208V1F can be configured to operate in pin mode where the control pins [PIN0-PIN4] can be set
appropriately to generate the necessary clock outputs out of the device.
Figure 28. CDCM6208V1F Interface and Control Block
Within this register space, there are certain bits that have read/write access. Other bits are read-only (an attempt
to write to a read only bit will not change the state of the bit).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com