Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 33 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 29Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 30Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 31Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 32Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 33Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 34Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 35Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 36Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
10.4.2 Loop Filter Recommendations for Pin Modes
The following two tables provide the internal charge pump and R3/C3 settings for pin modes. The designer can
either design their own optimized loop filter, or use the suggested loop filter in the Table 6.
Table 6. CDCM6208V1F Loop Filter Recommendation for Pin Mode
Internal LPF
PRI_REF
SEC_REF
Components
Recommended
f(PFD)
ICP
Use Case
Loop Filter
(MHz)
(mA)
Freq
Freq
R3
C3
C1/R2/C2
Type
Type
(MHz)
(MHz)
(Ohm)
(pF)
SPI
MAN-
100
0
I/O
25
Disable
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
Default
SEC
Ohm
I2C
MAN-
100
1
I/O
25
Disable
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
Default
SEC
Ohm
Reserv
11
ed
MAN-
100
10
0x00
1-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x01
2-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x02
3-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x03
4-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x04
5-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x05
6-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x06
7-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x07
8-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x08
9-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
337.5
SEC
Ohm
MAN-
100
10
0x09
10-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x0A
11-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x0B
12-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x0C
13-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x0D
14-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x0E
15-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x0F
16-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x10
17-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x11
18-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x12
19-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x13
20-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x14
21-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x15
22-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
MAN-
100
10
0x16
23-V1F
25
LVCMOS
25
Crystal
25
2.5m
100pF/500Ohm/22nF
242.5
SEC
Ohm
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com