Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 31 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 27Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 28Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 29Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 30Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 31Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 32Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 33Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 34Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 87 page
background image
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
Table 5. Pre-Configured Settings of CDCM6208V1F Accessible by PIN[4:0](1) (2)
Type
Type2
f(PFD)
f(VCO)
SPI
MAN-
0
I/O
25
Disable
25
Crystal
25
2500
125
PECL
125
PECL
125
PECL
125
PECL
25
HCSL
100
HCSL
100
Disable
100
Disable
Default
SEC
I2C
MAN-
1
I/O
25
Disable
25
Crystal
25
2500
125
PECL
125
PECL
125
PECL
125
PECL
25
HCSL
100
HCSL
100
Disable
100
Disable
Default
SEC
Reserv
11
ed
LVCM
MAN-
10
0x00
1-V1F
25
25
Crystal
25
2500
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
OS
SEC
LVCM
MAN-
10
0x01
2-V1F
25
25
Crystal
25
2500
125
LVDS
125
LVDS
125
LVDS
125
LVDS
25
LVDS
25
LVDS
25
LVDS
25
LVDS
OS
SEC
LVCM
MAN-
LVCM
LVCM
10
0x02
3-V1F
25
25
Crystal
25
2500
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
25
LVDS
25
LVDS
25
25
OS
SEC
OS-PN
OS-PN
LVCM
MAN-
LVCM
10
0x03
4-V1F
25
25
Crystal
25
2500
125
LVDS
125
LVDS
125
LVDS
125
LVDS
156.25
LVDS
156.25
LVDS
25
LVDS
125
OS
SEC
OS-PN
LVCM
MAN-
LVCM
LVCM
10
0x04
5-V1F
25
25
Crystal
25
2500
156.25
LVDS
156.25
LVDS
156.25
LVDS
156.25
LVDS
25
LVDS
25
LVDS
125
125
OS
SEC
OS-PN
OS-PN
LVCM
MAN-
10
0x05
6-V1F
25
25
Crystal
25
2500
100
PECL
100
PECL
156.25
PECL
156.25
PECL
25
LVDS
100
HCSL
156.25
LVDS
156.25
LVDS
OS
SEC
LVCM
MAN-
LVCM
10
0x06
7-V1F
25
25
Crystal
25
2500
125
LVDS
125
LVDS
125
LVDS
125
LVDS
125
156.25
LVDS
156.25
LVDS
25
LVDS
OS
SEC
OS-PN
LVCM
MAN-
LVCM
10
0x07
8-V1F
25
25
Crystal
25
2500
156.25
PECL
156.25
PECL
25
PECL
25
PECL
125
156.25
LVDS
100
HCSL
100
HCSL
OS
SEC
OS-PN
LVCM
MAN-
10
0x08
9-V1F
25
25
Crystal
25
2500
156.25
PECL
156.25
PECL
100
PECL
100
PECL
156.25
LVDS
156.25
LVDS
100
HCSL
100
HCSL
OS
SEC
LVCM
MAN-
10
0x09
10-V1F
25
25
Crystal
25
2500
100
PECL
100
PECL
156.25
CML
156.25
CML
25
LVDS
100
HCSL
156.25
LVDS
156.25
LVDS
OS
SEC
12.000
LVCM
MAN-
LVCM
LVCM
LVCM
LVCM
10
0x0A
11-V1F
25
25
Crystal
25
2500
100
PECL
100
PECL
100
PECL
100
PECL
25
125
50
000183
OS
SEC
OS-PN
OS-PN
OS-PN
OS-PN
1055
LVCM
MAN-
LVCM
LVCM
LVCM
10
0x0B
12-V1F
25
25
Crystal
25
2400
25
PECL
25
PECL
100
CML
100
CML
25
25
100
HCSL
12
OS
SEC
OS-PN
OS-PN
OS-PN
LVCM
MAN-
LVCM
LVCM
10
0x0C
13-V1F
25
25
Crystal
25
2500
156.25
PECL
156.25
PECL
125
PECL
125
PECL
25
25
25
LVDS
100
HCSL
OS
SEC
OS-PN
OS-PN
66.666
LVCM
MAN-
LVCM
10
0x0D
14-V1F
25
25
Crystal
25
2500
25
PECL
25
PECL
156.25
PECL
156.25
PECL
100
HCSL
100
HCSL
156.25
LVDS
666666
OS
SEC
OS-PN
6667
33.333
LVCM
MAN-
LVCM
10
0x0E
15-V1F
25
25
Crystal
25
2500
125
LVDS
125
LVDS
125
LVDS
125
LVDS
25
LVDS
25
LVDS
25
LVDS
333333
OS
SEC
OS-PN
3333
(1)
The functionality of the status 0 and status 1 pins in SPI and I2C mode is programmable.
(2)
The REF_SEL input pin selects the primary or secondary input in MANUAL mode. That is: If the system only uses a XTAL on the secondary input, REF_SEL should be tied to VDD. The
primary and secondary input stage power supply must be always connected.
For all pin modes, STATUS0 outputs the PLL_LOCK signal and STATUS1 the LOSS OF REFERENCE.
General Note: in all pin mode, all voltage supplies must either be 1.8 V or 2.5/3.3 V and the PWR pin number 44 must be set to 0 or 1 accordingly. In SPI and I2C mode, the supply
voltages can be "mixed and matched" as long as the corresponding register bits reflect the supply voltage setting for each desired 1.8 V or 2.5/3.3 V supply. Exception: inputs configured
for LVDS signaling (Type = LVDS) are supply agnostic, and therefore can be powered from 2.5 V/3.3 V or 1.8 V regardless of the supply select setting of pin number 44.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com