Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 30 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 26Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 27Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 28Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 29Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 30Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 31Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 32Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 33Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 87 page
background image
10GbE
CDCM6208
Synthesizer
Mode
4x10G Ethernet ASIC
10G
PHY
10G
PHY
10G
PHY
10G
PHY
DDR
1G
PHY
PCIe
10G
PHY
DPLL
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
Figure 27. Typical Use Case: CDCM6208V1F Example in Wireless Infrastructure Baseband Application
10.4 Device Functional Modes
10.4.1 Control Pins Definition
In the absence of a host interface, the CDCM6208V1F can be powered up in one of 32 pre-configured settings
when the pins are SI_MODE[1:0] = 10. The CDCM6208V1F has 5 control pins identified to achieve commonly
used networking frequencies, and change output types. The Smart Input MUX for the PLL is set in most
configurations to manual mode in pin mode. Based on the control pins settings for the on-chip PLL, the device
generates the appropriate frequencies and appropriate output signaling types at start-up. In the case of the PLL
loop filter, "JC" denotes PLL bandwidths of
≤ 1 kHz and "Synth" denotes PLL bandwidths of ≥ 100 kHz.
30
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1HRGZR TI2-CDCM6208V1HRGZR Datasheet
3Mb / 94P
CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
REVISED JANUARY 2018
CDCM6208V1HRGZR.A TI2-CDCM6208V1HRGZR.A Datasheet
3Mb / 94P
CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
REVISED JANUARY 2018
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com