Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 3 Page - Texas Instruments

  CDCM6208V1FRGZR Datasheet HTML 1Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 2Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 3Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 4Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 5Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 6Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 7Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 8Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
Y7_N
Y7_P
VDD_Y7
Y6_N
Y6_P
VDD_Y6
VDD_Y5
36
35
34
33
28
27
26
29
25
30
31
32
SDI/SDA/PIN1
SDO/AD0/PIN2
SCS/AD1/PIN3
REF_SEL
SCL/PIN4
1
2
3
4
5
6
7
8
9
10
11
12
Y5_P
PRI_REFN
PRI_REFP
SI_MODE0
Y4_N
SEC_REFP
SEC_REFN
Y4_P
VDD_Y4
Y5_N
DVDD
VDD
VDD_Y2_Y3
VDD_PRI_REF
VDD_SEC_REF
_Y0_Y1
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
6 Description (continued)
In synthesizer mode, the overall output jitter performance is less than 0.5 ps-rms (10 k - 20 MHz) or 20 ps-pp
(unbound) on output using integer dividers and is between 50 to 220 ps-pp (10 k - 40 MHz) on outputs using
fractional dividers depending on the prescaler output frequency.
In jitter cleaner mode, the overall output jitter is less than 2.1 ps-rms (10 k - 20 MHz) or 40 ps-pp on output
using integer dividers and is less than 70 ps to 240 ps-pp on outputs using fractional dividers. The
CDCM6208V1F is packaged in a small 48-pin 7 mm x 7 mm QFN package.
7 Pin Configuration and Functions
RGZ Package
48 Pin VQFN
Top View
Pin Functions
PIN
I/O
TYPE
DESCRIPTION
NAME
NO.
PRI_REFP
8
Input
Universal
Primary Reference Input +
PRI_REFN
9
Input
Universal
Primary Reference Input –
Supply pin for reference inputs to set between 1.8 V, 2.5 V, or 3.3 V or connect to
VDD_PRI_REF
7
PWR
Analog
VDD_SEC_REF.
SEC_REFP
11
Input
Universal
Secondary Reference Input +
SEC_REFN
12
Input
Universal
Secondary Reference Input –
Supply pin for reference inputs to set between 1.8 V, 2.5 V, or 3.3 V or connect to
VDD_SEC_REF
10
PWR
Analog
VDD_PRI_REF(1).
(1)
If Secondary input buffer is disabled (Register 4 Bit 5 = 0), it is possible to connect VDD_SEC_REF to GND.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com