Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 20 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 16Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 17Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 18Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 19Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 20Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 21Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 22Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 23Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 87 page
background image
Frequency (Hz)
2.9 ps
-50
10M
10K
100
1000
100k
1M
9.2 ps
0.92 ps
-60
0.29 ps
-70
-100
-80
-90
0.092 ps
-65
-55
-75
-85
-95
Frequency (MHz)
0 ps-pp
60 ps-pp
100 ps-pp
120 ps-pp
140 ps-pp
180 ps-pp
200 ps-pp
400
220
280
380
160 ps-pp
80 ps-pp
20 ps-pp
40 ps-pp
200
240
260
300
320
340 360
MSB-9, (1/1024) typ
all zero, (0) typ
MSB, (1/2) typ
MSB-1, (1/4) typ
MSB-2, (1/8) typ
MSB-3, (1/16) typ
MSB-4, (1/32) typ
MSB-5, (1/54) typ
MSB-6, (1/128) typ
MSB-7, (1/256) typ
MSB-13, (1/16384) typ
0x50A33D (÷x.315) typ
LSB, (1/1048576) typ
0x828F5 (÷x.51) typ
0xBAE14 (÷x.73) typ
Frequency (MHz)
0
60
100
120
140
180
200
400
160
80
20
40
200
250
300
350
all zero, (0) max
MSB-9, (1/1024) typ
MSB-9, (1/1024) max
MSB-4, (1/32) max
MSB-13, (1/16384) max
MSB-13, (1/16384) typ
LSB, (1/1048576) max
LSB, (1/1048576) typ
MSB, (1/2) max
MSB, (1/2) typ
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
8.24 Typical Characteristics
Using Divide by x.73 Example
fFRAC = 300 MHz
Figure 5. Fractional Divider Input Frequency Impact on Jitter
Figure 4. Fractional Divider Bit Selection Impact on Jitter
Figure 7. Fractional Divider Bit Selection Impact on TJ
Figure 6. Fractional Divider Bit Selection Impact on TJ
(Maximum Jitter Across Process, Voltage & Temperature)
(Typical)
f OUT = 122 MHz
Figure 8. PSRR (in dBc and DJ [ps]) Over Frequency [Hz] and Output Signal Format
20
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1HRGZR TI2-CDCM6208V1HRGZR Datasheet
3Mb / 94P
CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
REVISED JANUARY 2018
CDCM6208V1HRGZR.A TI2-CDCM6208V1HRGZR.A Datasheet
3Mb / 94P
CDCM6208 2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
REVISED JANUARY 2018
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
Clock Jitter Cleaner with Cascaded PLLs
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
Family Clock Jitter Cleaner
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com