Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 16 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 12Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 13Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 14Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 15Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 16Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 17Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 18Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 19Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
CDCM6208V1F
SCAS943 – MAY 2015
www.ti.com
8.20 Device Individual Block Current Consumption
VDD_Yx_Yy, VDD_PRI, VDD_SEC, VDD_PLLx, DVDD, VDD_VCO = 1.8 V, 2.5 V, or 3.3 V, TA = –40°C to 85°C, Output
Types = LVPECL/CML/LVDS/LVCMOS/HCSL
BLOCK
CONDITION
TYPICAL CURRENT CONSUMPTION (mA)
Core
CDCM6208V1F Core, active mode, PS_A = PS_B = 4
75
CML output, AC coupled w/ 100
Ω diff load
24.25
LVPECL, AC coupled w/ 100
Ω diff load
40
LVCMOS output, transient, 'C L' load, 'f' MHz output
Output Buffer
1.8 + V x f OUT x (C L+ 12 x 10
-12) x 10 3
frequency, 'V' output swing
LVDS output, AC coupled w/ 100
Ω diff load
19.7
HCSL output, 50
Ω load to GND on each output pin
31
Integer Divider Bypass (Divide = 1)
3
Integer Divide Enabled, Divide > 1
8
Output Divide Circuitry
Fractional Divider Enabled
12
additional current when PS_A differs from PS_B
15
Device Settings (V2)
1.
PRI input enabled, set to LVDS mode
2.
SEC input XTAL
3.
Input bypass off, PRI only sent to PLL
4.
Reference clock 30.72 MHz
5.
PRI input divider set to 1
(excl. I termination_resistors)
6.
Reference input divider set to 1
(1.8 V: 251 mA
7.
Charge Pump Current = 2.5 mA
2.5 V: 254 mA
8.
VCO Frequency = 3.072 GHz
3.3 V: 257 mA)
Total Device, CDCM6208V1F
(incl. I termination_resistors)
9.
PS_A = PS_B divider ration = 4
(1.8 V: 310 mA
10. Feedback divider ratio = 25
2.5 V: 313 mA
11. Output divider ratio = 5
3.3 V: 316 mA)
12. Fractional divider pre-divider = 2
13. Fractional divider core input frequency = 384 MHz
14. Fractional divider value = 3.84, 5.76, 3.072, 7.68
15. CML outputs selected for CH0-3 (153.6 MHz)
LVDS outputs selected for CH4-7 (100 MHz, 66.66 MHz,
125 MHz, 50 MHz)
Total Device, CDCM6208V1F
Power Down (PDN = '0')
0.35
Helpful Note: The CDCM6208V1F User GUI does an excellent job estimating the total device current
consumption based on the actual device configuration. Therefore, it is recommended to use the GUI to estimate
device power consumption.
The individual supply terminal current consumption for Pin mode P23 was measured to come out the following:
Table 1. Individual Supplies Measured
SEC
SEC
Y0-1
Y2-3
Y4
Y5
Y6
Y7
PRI
PLL1
PLL2
VCO
DVDD
TOTAL
(VSEC = 1.8V)
(VSEC = 2.5V)
PWR PIN 39 = GND
VPRI = 1.8 V
61 mA
40 mA
21 mA
29 mA
30 mA
31 mA
12 mA
70 mA
1.5 mA
295.5 mA
VOUT = 1.8 V
16
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com