Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM6208V1FRGZR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM6208V1FRGZR
Description  2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM6208V1FRGZR Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCM6208V1FRGZR Datasheet HTML 11Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 12Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 13Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 14Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 15Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 16Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 17Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 18Page - Texas Instruments CDCM6208V1FRGZR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 87 page
background image
CDCM6208V1F
www.ti.com
SCAS943 – MAY 2015
8.19 Output Skew and Sync to Output Propagation Delay Characteristics
VDD_Yx_Yy = 1.71 to 1.89 V, 2.375 V to 2.625 V, 3.135V to 3.465 V, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PS_A = 4
9
10.5
11
1/fPS_A
Propagation delay SYNCN
↑ to output
tPD-PS
f VCO = 2.5 GHz
PS_A = 5
9
10.2
11
1/fPS_A
toggling high
PS_A = 6
9
10.0
11
1/fPS_A
Part-to-Part Propagation delay
ΔtPD-PS
variation SYNCN
↑ to output toggling
Fixed supply voltage, temp, and device setting(1)
0
1
1/f PS_A
high(1)
OUTPUT SKEW – ALL OUTPUTS USE IDENTICAL OUTPUT SIGNALING, INTEGER DIVIDERS ONLY; PS_A = PS_B = 6, OutDiv = 4
tSK,LVDS
Skew between Y[7:4] LVDS
Y[7:4] = LVDS
40
ps
tSK,LVDS
Skew between Y[3:0] LVDS
Y[3:0] = LVDS
40
ps
tSK,LVDS
Skew between Y[7:0] LVDS
Y[7:0] = LVDS
80
ps
tSK,CML
Skew between Y[3:0] CML
Y[3:0] = CML
40
ps
tSK,PECL
Skew between Y[3:0] PECL
Y[3:0] = LVPECL
40
ps
tSK,HCSL
Skew between Y[7:4] HCSL
Y[7:4] = HCSL
40
ps
tSK,SE
Skew between Y[7:4] CMOS
Y[7:4] = CMOS
50
ps
OUTPUT SKEW - MIXED SIGNAL OUTPUT CONFIGURATION, INTEGER DIVIDERS ONLY; PS_A = PS_B = 6, OutDiv = 4
Skew between Y[7:4] LVDS and
tSK,CMOS-LVDS
Y[4] = CMOS, Y[7:5] = LVDS
2.5
ns
CMOS mixed
Skew between Y[7:0] CMOS and
tSK,CMOS-PECL
Y[7:4] = CMOS, Y[3:0] = LVPECL
2.5
ns
LVPECL mixed
Skew between Y[3:0] LVPECL and
tSK,PECL-LVDS
Y[0] = LVPECL, Y[3:1] = LVDS
120
ps
LVDS mixed
Skew between Y[3:0] LVPECL and
tSK,PECL-CML
Y[0] = LVPECL, Y[3:1] = CML
40
ps
CML mixed
Skew between Y[7:0] LVDS and
tSK,LVDS-PECL
Y[7:4] = LVDS, Y[3:0] = LVPECL
180
ps
LVPECL mixed
Skew between Y[7:4] LVDS and
tSK,LVDS-HCSL
Y[4] = LVDS, Y[7:5] = HCSL
250
ps
HCSL mixed
OUTPUT SKEW - USING FRACTIONAL OUTPUT DIVISION; PS_A = PS_B = 6, OutDiv = 3.125
Skew between Y[7:4] LVDS using all
tSK,DIFF, frac
fractional divider with the same
Y[7:4] = LVDS
200
ps
divider setting
(1)
SYNC is toggled 10,000 times for each device. Test is repeated over process voltage and temperature (PVT).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: CDCM6208V1F


Similar Part No. - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208V1HRGZR TI1-CDCM6208V1HRGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZR TI-CDCM6208V1RGZR Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZR TI1-CDCM6208V1RGZR Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208V1RGZT TI-CDCM6208V1RGZT Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V1RGZT TI1-CDCM6208V1RGZT Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
More results

Similar Description - CDCM6208V1FRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM6208 TI1-CDCM6208_14 Datasheet
2Mb / 89P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI1-CDCM6208_18 Datasheet
2Mb / 92P
[Old version datasheet]   2:8 Clock Generator, Jitter Cleaner With Fractional Dividers
CDCM6208 TI-CDCM6208 Datasheet
2Mb / 78P
[Old version datasheet]   2:8 CLOCK GENERATOR, JITTER CLEANER WITH FRACTIONAL DIVIDERS
CDCM6208V2G TI1-CDCM6208V2G Datasheet
2Mb / 88P
[Old version datasheet]   CDCM6208V2G 2:8 Clock Generator, Jitter Cleaner with Fractional Dividers
logo
Analog Devices
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
   Jitter Cleaner and Clock Generator
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
   Jitter Cleaner and Clock Generator
logo
Texas Instruments
CDCE62002 TI-CDCE62002 Datasheet
1Mb / 49P
[Old version datasheet]   Four Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
LMK04100 TI1-LMK04100 Datasheet
588Kb / 46P
[Old version datasheet]   Clock Jitter Cleaner with Cascaded PLLs
LMK04100 TI1-LMK04100_14 Datasheet
1Mb / 52P
[Old version datasheet]   Family Clock Jitter Cleaner
CDCE62005 TI-CDCE62005_10 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com