Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP2108 Datasheet(PDF) 14 Page - Texas Instruments

Part # CDCLVP2108
Description  16-LVPECL Output, High-Performance Clock Buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2108 Datasheet(HTML) 14 Page - Texas Instruments

Back Button CDCLVP2108_16 Datasheet HTML 10Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 11Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 12Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 13Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 14Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 15Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 16Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 17Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
LVPECL
8
8
2
Reference
Generator
GND
GND
OUTP[15...8]
OUTN[15...8]
LVPECL
8
8
OUTP[7...0]
OUTN[7...0]
V
CC
V
AC_REF[1, 0]
V
CC
V
CC
V
CC
V
CC
V
CC
INP0
INN0
INP1
INN1
CDCLVP2108
SCAS878C – MAY 2009 – REVISED JANUARY 2016
www.ti.com
8 Detailed Description
8.1 Overview
The CDCLVP2108 is an open emitter for LVPECL outputs. Therefore, proper biasing and termination are
required to ensure correct operation of the device and to minimize signal integrity. The proper termination for
LVPECL outputs is a 50
Ω to (VCC – 2) V, but this direct-coupled (DC) voltage is not readily available on PCB.
Therefore, a Thevenin equivalent circuit is worked out for the LVPECL termination in both DC- and AC-coupled
configurations. These configurations are shown in Figure 12 (a and b) for VCC= 2.5 V and Figure 13 (a and b) for
VCC = 3.3 V, respectively. TI recommends placing all resistive components close to either the driver end or the
receiver end. If the supply voltage for the driver and receiver is different, AC coupling is required.
8.2 Functional Block Diagram
8.3 Feature Description
The CDCLVP2108 is a low additive jitter universal to LVPECL fan-out buffer with two independent inputs. The
small package, low output skew, and low additive jitter make for a flexible device in demanding applications.
8.4 Device Functional Modes
The two independent inputs of the CDCLVP2108 distribute the input clock to eight outputs each. Unused inputs
and outputs can be left floating to reduce overall component cost. Both AC and DC coupling schemes can be
used with the CDCLVP2108 to provide greater system flexibility.
8.4.1 LVPECL Output Termination
The CDCLVP2108 is an open emitter for LVPECL outputs. Therefore, proper biasing and termination are
required to ensure correct operation of the device and to minimize signal integrity. The proper termination for
LVPECL outputs is 50
Ω to (VCC – 2) V, but this DC voltage is not readily available on PCB. Therefore, a
Thevenin equivalent circuit is worked out for the LVPECL termination in both direct-coupled (DC) and AC-
coupled configurations. These configurations are shown in Figure 12 a and b for VCC = 2.5 V and Figure 13 a
and b for VCC = 3.3 V, respectively. TI recommends placing all resistive components close to either the driver
end or the receiver end. If the supply voltage for the driver and receiver is different, AC coupling is required.
14
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: CDCLVP2108


Similar Part No. - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108RGZR TI1-CDCLVP2108RGZR Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108RGZT TI1-CDCLVP2108RGZT Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com