Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP2108 Datasheet(PDF) 12 Page - Texas Instruments

Part # CDCLVP2108
Description  16-LVPECL Output, High-Performance Clock Buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2108 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDCLVP2108_16 Datasheet HTML 8Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 9Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 10Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 11Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 12Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 13Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 14Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 15Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Differential
V
CC
V
CC
82 W
130 W
82 W
130 W
CDCLVP2108
LVDS
100 W
CDCLVP2108
LVPECL
V
CC
V
CC
130 W
82 W
130 W
82 W
CDCLVP2108
V
IHmax
V
ILmax
V
IHmin
V
ILmin
V
IH
V
IL
V
th
V
th
V
thmax
V
thmin
GND
V
CC
CDCLVP2108
SCAS878C – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Test Configurations (continued)
Figure 6. Vth Variation over LVCMOS Levels
Figure 7. DC-Coupled LVPECL Input During Device Test
Figure 8. DC-Coupled LVDS Input During Device Test
Figure 9. AC-Coupled Differential Input to Device
12
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: CDCLVP2108


Similar Part No. - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108RGZR TI1-CDCLVP2108RGZR Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108RGZT TI1-CDCLVP2108RGZT Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com