Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP2108 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCLVP2108
Description  16-LVPECL Output, High-Performance Clock Buffer
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2108 Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVP2108_16 Datasheet HTML 1Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 2Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 3Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 4Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 5Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 6Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 7Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 8Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LVPECL
8
8
2
Reference
Generator
GND
GND
OUTP[15...8]
OUTN[15...8]
LVPECL
8
8
OUTP[7...0]
OUTN[7...0]
V
CC
V
AC_REF[1, 0]
V
CC
V
CC
V
CC
V
CC
V
CC
INP0
INN0
INP1
INN1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CDCLVP2108
SCAS878C – MAY 2009 – REVISED JANUARY 2016
CDCLVP2108 16-LVPECL Output, High-Performance Clock Buffer
1 Features
3 Description
The CDCLVP2108 is a highly versatile, low additive
1
Dual 1:8 Differential Buffer
jitter buffer that can generate 16 copies of LVPECL
Two Clock Inputs
clock outputs from two LVPECL, LVDS, or LVCMOS
Universal Inputs Can Accept LVPECL, LVDS,
inputs for a variety of communication applications. It
LVCMOS/LVTTL
has a maximum clock frequency up to 2 GHz. Each
buffer block consists of one input that feeds two
16 LVPECL Outputs
LVPECL
outputs.
The
overall
additive
jitter
Maximum Clock Frequency: 2 GHz
performance is less than 0.1 ps, RMS from 10 kHz to
Maximum Core Current Consumption: 115 mA
20 MHz, and overall output skew is as low as 25 ps,
making the device a perfect choice for use in
Very Low Additive Jitter: <100 fs, RMS in 10-kHz
demanding applications.
to 20-MHz Offset Range
2.375-V to 3.6-V Device Power Supply
The CDCLVP2108 clock buffer distributes two clock
inputs (IN0, IN1) to 16 pairs of differential LVPECL
Maximum Propagation Delay: 550 ps
clock outputs (OUT0, OUT15) with minimum skew for
Maximum Within Bank Output Skew: 25 ps
clock distribution. Each buffer block consists of one
LVPECL Reference Voltage, VAC_REF, Available
input that feeds two LVPECL clock outputs. The
for Capacitive-Coupled Inputs
inputs can be LVPECL, LVDS, or LVCMOS/LVTTL.
Industrial Temperature Range: –40°C to +85°C
The CDCLVP2108 is specifically designed for driving
Supports 105°C PCB Temperature (Measured
50-
Ω transmission lines. When driving the inputs in
single-ended
mode,
the
LVPECL
bias
voltage
with a Thermal Pad)
(VAC_REF) must be applied to the unused negative
Available in 7-mm × 7-mm, 48-Pin VQFN (RGZ)
input pin. However, for high-speed performance up to
Package
2 GHz, differential mode is strongly recommended.
ESD Protection Exceeds 2000 V (HBM)
The CDCLVP2108 is characterized for operation from
–40°C to +85°C and is available in a 7-mm × 7-mm,
2 Applications
VQFN-48 package.
Wireless Communications
Device Information(1)
Telecommunications/Networking
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Medical Imaging
CDCLVP2108
VQFN (48)
7.00 mm × 7.00 mm
Test and Measurement Equipment
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108RGZR TI1-CDCLVP2108RGZR Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108RGZT TI1-CDCLVP2108RGZT Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com