Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP2108 Datasheet(PDF) 8 Page - Texas Instruments

Part # CDCLVP2108
Description  16-LVPECL Output, High-Performance Clock Buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2108 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCLVP2108_16 Datasheet HTML 4Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 5Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 6Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 7Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 8Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 9Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 10Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 11Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
CDCLVP2108
SCAS878C – MAY 2009 – REVISED JANUARY 2016
www.ti.com
6.8 Electrical Characteristics: LVPECL Output, at VCC = 3 V to 3.6 V
at TA = –40°C to +85°C and TPCB ≤ 105°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA ≤ 85°C
VCC – 1.26
VCC – 0.9
VOH
Output high voltage
V
TPCB≤ 105ºC
VCC – 1.26
VCC – 0.85
TA ≤ 85°C
VCC – 1.7
VCC – 1.3
VOL
Output low voltage
V
TPCB≤ 105ºC
VCC – 1.7
VCC – 1.3
VOUT, DIFF, PP
Differential output peak-peak voltage
fIN ≤ 2 GHz
0.65
1.35
V
VAC_REF
Input bias voltage
IAC_REF = 2 mA
VCC – 1.6
VCC – 1.1
V
Outputs unterminated,
115
TA ≤ 85°C
IEE
Supply internal current
mA
Outputs unterminated,
117
TPCB≤ 105ºC
All outputs terminated, 50
Ω to VCC – 2
620
TA ≤ 85°C
ICC
Output and internal supply current
mA
All outputs terminated, 50
Ω to VCC – 2
677
TPCB≤ 105ºC
(1)
Figure 10 and Figure 11 show DC and AC test setup.
6.9 Timing Requirements, at VCC = 2.375 V to 2.625 V
Refer to Figure 1 and Figure 2.
MIN
NOM
MAX
UNIT
VIN, DIFF, PP = 0.1 V
550
tPD
Propagation delay
ps
VIN, DIFF, PP = 0.3 V
550
tSK,PP
Part-to-part skew
150
ps
tSK,O_WB
Within bank output skew
Both inputs have equal skew
25
ps
Crossing-point-to-crossing-point
tSK,O_BB
Bank-to-bank output skew
30
ps
distortion, fOUT = 100 MHz
tSK,P
Pulse skew (with 50% duty cycle input)
–50
50
ps
fOUT = 100 MHz, VIN,SE = VCC,
0.124
ps, RMS
Vth = 1.25 V, 10 kHz to 20 MHz
fOUT = 100 MHz, VIN,SE = 0.9 V,
0.178
ps, RMS
Vth = 1.1 V, 10 kHz to 20 MHz
fOUT = 2 GHz, VIN,DIFF,PP = 0.2 V,
0.061
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
Random additive jitter (with 50% duty
tRJIT
fOUT = 100 MHz, VIN,DIFF,PP = 0.15 V,
cycle input)
0.119
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT = 100 MHz, VIN,DIFF,PP = 1 V,
0.104
ps, RMS
VICM = 1 V, 10 kHz to 20 MHz
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
VICM, 0 = 1 V, fOUT, 7 = 62.5 MHz,
–46.6
dBc
VIN,SE,1 = VCC, Vth, 1 = VCC/2
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
VICM, 0 = 1 V, fOUT, 7 = 62.5 MHz,
–49.1
VIN,DIFF,PP,1 = 1 V, VICM, 1 = 1 V
Coupling on differential OUT8 from OUT7
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
in the frequency spectrum
PSPUR
VICM, 0 = 1 V, fOUT, 7 = 15.625 MHz,
–61
dBc
of fOUT, 8 ±(fOUT, 8/2) with
VIN,SE,1 = VCC, Vth, 1 = VCC/2
synchronous inputs
fOUT,8 = 500 MHz, VIN,DIFF,PP,0 = 0.15 V,
VICM, 0 = 1 V, fOUT, 7 = 15.625 MHz,
–62.5
VIN,DIFF,PP,1 = 1 V, VICM, 1 = 1 V
tR/tF
Output rise/fall time
20% to 80%
200
ps
8
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: CDCLVP2108


Similar Part No. - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108RGZR TI1-CDCLVP2108RGZR Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108RGZT TI1-CDCLVP2108RGZT Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com