Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP2108 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDCLVP2108
Description  16-LVPECL Output, High-Performance Clock Buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2108 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCLVP2108_16 Datasheet HTML 3Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 4Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 5Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 6Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 7Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 8Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 9Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 10Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
CDCLVP2108
www.ti.com
SCAS878C – MAY 2009 – REVISED JANUARY 2016
6.5 Electrical Characteristics: LVCMOS Input, at VCC = 2.375 V to 3.6 V
at TA = –40°C to +85°C and TPCB ≤ 105°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN
Input frequency
200
MHz
External threshold voltage applied to
Vth
Input threshold voltage
1.1
1.8
V
complementary input
VIH
Input high voltage
Vth + 0.1
VCC
V
VIL
Input low voltage
0
Vth – 0.1
V
IIH
Input high current
VCC = 3.6 V, VIH = 3.6 V
40
μA
IIL
Input low current
VCC = 3.6 V, VIL = 0 V
–40
μA
ΔV/ΔT
Input edge rate
20% to 80%
1.5
V/ns
ICAP
Input capacitance
5
pF
(1)
Figure 5 and Figure 6 show DC test setup.
6.6 Electrical Characteristics: Differential Input, at VCC = 2.375 V to 3.6 V
at TA = –40°C to +85°C and TPCB ≤ 105°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fIN
Input frequency
Clock input
2000
MHz
fIN ≤ 1.5 GHz
0.1
1.5
V
VIN, DIFF, PP
Differential input peak-peak voltage
1.5 GHz
≤ fIN ≤ 2 GHz
0.2
1.5
V
VICM
Input common-mode level
1
VCC – 0.3
V
IIH
Input high current
VCC = 3.6 V, VIH = 3.6 V
40
μA
IIL
Input low current
VCC = 3.6 V, VIL = 0 V
–40
μA
ΔV/ΔT
Input edge rate
20% to 80%
1.5
V/ns
ICAP
Input capacitance
5
pF
(1)
Figure 7 and Figure 8 show DC test setup. Figure 9 shows AC test setup.
6.7 Electrical Characteristics: LVPECL Output, at VCC = 2.375 V to 2.625 V
at TA = –40°C to +85°C and TPCB ≤ 105°C (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA ≤ 85°C
VCC – 1.26
VCC – 0.9
VOH
Output high voltage
V
TPCB ≤105°C
VCC – 1.26
VCC – 0.83
TA ≤ 85°C
VCC – 1.7
VCC – 1.3
VOL
Output low voltage
V
TPCB ≤105°C
VCC – 1.7
VCC – 1.25
VOUT, DIFF, PP
Differential output peak-peak voltage
fIN ≤ 2 GHz
0.5
1.35
V
VAC_REF
Input bias voltage(2)
IAC_REF = 2 mA
VCC – 1.6
VCC – 1.1
V
Outputs unterminated,
115
TA ≤ 85°C
IEE
Supply internal current
mA
Outputs unterminated,
117
TPCB≤ 105ºC
All outputs terminated, 50
Ω to VCC – 2
620
TA ≤ 85°C
ICC
Output and internal supply current
mA
All outputs terminated, 50
Ω to VCC – 2
677
TPCB≤ 105ºC
(1)
Figure 10 and Figure 11 show DC and AC test setup.
(2)
Internally generated bias voltage (VAC_REF) is for 3.3-V operation only. TI recommends applying externally generated bias voltage for
VCC < 3 V.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: CDCLVP2108


Similar Part No. - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108RGZR TI1-CDCLVP2108RGZR Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108RGZT TI1-CDCLVP2108RGZT Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com