Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP2108 Datasheet(PDF) 4 Page - Texas Instruments

Part # CDCLVP2108
Description  16-LVPECL Output, High-Performance Clock Buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2108 Datasheet(HTML) 4 Page - Texas Instruments

  CDCLVP2108_16 Datasheet HTML 1Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 2Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 3Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 4Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 5Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 6Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 7Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 8Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
CDCLVP2108
V
CC
OUTP11
OUTN11
OUTP12
OUTN12
OUTP13
OUTN13
OUTP14
OUTN14
OUTP15
OUTN15
V
CC
V
CC
OUTN4
OUTP4
OUTN3
OUTP3
OUTN2
OUTP2
OUTN1
OUTP1
OUTN0
OUTP0
V
CC
24
23
22
21
20
19
18
17
16
15
14
13
37
38
39
40
41
42
43
44
45
46
47
48
ThermalPad
(1)
CDCLVP2108
SCAS878C – MAY 2009 – REVISED JANUARY 2016
www.ti.com
5 Pin Configuration and Functions
RGZ Package
48-Pin VQFN
Top View
(1)
Thermal pad must be soldered to ground.
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
GND
1, 12
Ground
Device grounds
INP0, INN0
10, 9
Input
Differential input pair or single-ended input no. 0
INP1, INN1
3, 4
Input
Differential input pair or single-ended input no. 1
OUTP0 OUTN0
14, 15
Output
Differential LVPECL output pair no. 0
OUTP1, OUTN1
16, 17
Output
Differential LVPECL output pair no. 1
OUTP2, OUTN2
18, 19
Output
Differential LVPECL output pair no. 2
OUTP3, OUTN3
20, 21
Output
Differential LVPECL output pair no. 3
OUTP4, OUTN4
22, 23
Output
Differential LVPECL output pair no. 4
OUTP5, OUTN5
25, 26
Output
Differential LVPECL output pair no. 5
OUTP6, OUTN6
27, 28
Output
Differential LVPECL output pair no. 6
OUTP7, OUTN7
29, 30
Output
Differential LVPECL output pair no. 7
OUTP8, OUTN8
31, 32
Output
Differential LVPECL output pair no. 8
OUTP9, OUTN9
33, 34
Output
Differential LVPECL output pair no. 9
OUTP10,
35, 36
Output
Differential LVPECL output pair no. 10
OUTN10
OUTP11,
38, 39
Output
Differential LVPECL output pair no. 11
OUTN11
4
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: CDCLVP2108


Similar Part No. - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108RGZR TI1-CDCLVP2108RGZR Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108RGZT TI1-CDCLVP2108RGZT Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
[Old version datasheet]   16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
[Old version datasheet]   Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
[Old version datasheet]   Eight-LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
[Old version datasheet]   Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
[Old version datasheet]   Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com