Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCLVP2108 Datasheet(PDF) 22 Page - Texas Instruments

Part # CDCLVP2108
Description  16-LVPECL Output, High-Performance Clock Buffer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVP2108 Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCLVP2108_16 Datasheet HTML 18Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 19Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 20Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 21Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 22Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 23Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 24Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 25Page - Texas Instruments CDCLVP2108_16 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
5,0mm(min)
1,2mm(typ)
0,33mm(typ)
CDCLVP2108
SCAS878C – MAY 2009 – REVISED JANUARY 2016
www.ti.com
11 Layout
11.1 Layout Guidelines
Power consumption of the CDCLVP2108 can be high enough to require attention to thermal management. For
reliability and performance reasons, the die temperature must be limited to a maximum of 125°C. That is, as an
estimate, ambient temperature (TA) plus device power consumption times RθJA must not exceed 125°C.
The device package has an exposed pad that provides the primary heat removal path to the printed circuit board
(PCB). To maximize the heat dissipation from the package, a thermal landing pattern including multiple vias to a
ground plane must be incorporated into the PCB within the footprint of the package. The exposed pad must be
soldered down to ensure adequate heat conduction out of the package. Figure 24 shows a recommended land
and via pattern.
11.2 Layout Example
Figure 24. Recommended PCB Layout
11.3 Thermal Considerations
The CDCLVP2108 supports high temperatures on the printed circuit board (PCB) measured at the thermal pad.
The system designer must ensure that the maximum junction temperature is not exceeded.
ΨJB can allow the
system designer to measure the board temperature with a fine gauge thermocouple and back calculate the
junction temperature using Equation 1. Note that
ΨJB is close to RθJB because 75 to 95% of the heat of a device
is dissipated by the PCB. Further information can be found at SPRA953 and SLUA566.
Tjunction = TPCB + ( ΨJB × Power)
(1)
Example:
Calculation of the junction-lead temperature with a 4-layer JEDEC test board using four thermal vias:
TPCB = 105°C
ΨJB = 8.3°C/W
PowerinclTerm = Imax × Vmax = 677 mA × 3.6 V = 2437 mW (maximum power consumption including
termination resistors)
PowerexclTerm = 1833 mW (maximum power consumption excluding termination resistors, see SLYT127
for further details)
ΔTJunction = ΨJB × PowerexclTerm = 8.3°C/W × 1833 mW = 15.21°C
TJunction = ΔTJunction + TChassis = 15.21°C + 105°C = 120.21°C (the maximum junction temperature of
125°C is not violated)
22
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: CDCLVP2108


Similar Part No. - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP2108RGZR TI1-CDCLVP2108RGZR Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108RGZT TI1-CDCLVP2108RGZT Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
More results

Similar Description - CDCLVP2108_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVP1102 TI1-CDCLVP1102 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204 Datasheet
753Kb / 22P
Two LVPECL Output, High-Performance Clock Buffer
CDCLVP1216 TI1-CDCLVP1216 Datasheet
773Kb / 22P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104 Datasheet
763Kb / 22P
Eight LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108 Datasheet
778Kb / 24P
16 LVPECL Output, High-Performance Clock Buffer
CDCLVP1204RGTT TI-CDCLVP1204RGTT Datasheet
730Kb / 22P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2102 TI1-CDCLVP2102_16 Datasheet
1Mb / 30P
Four-LVPECL Output, High-Performance Clock Buffer
CDCLVP2104 TI1-CDCLVP2104_16 Datasheet
1Mb / 31P
Eight-LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com