Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCL1810RGZR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810RGZR
Description  Output, High-Performance Clock Distributor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810RGZR Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCL1810RGZR Datasheet HTML 18Page - Texas Instruments CDCL1810RGZR Datasheet HTML 19Page - Texas Instruments CDCL1810RGZR Datasheet HTML 20Page - Texas Instruments CDCL1810RGZR Datasheet HTML 21Page - Texas Instruments CDCL1810RGZR Datasheet HTML 22Page - Texas Instruments CDCL1810RGZR Datasheet HTML 23Page - Texas Instruments CDCL1810RGZR Datasheet HTML 24Page - Texas Instruments CDCL1810RGZR Datasheet HTML 25Page - Texas Instruments CDCL1810RGZR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Y0
Y1
Enable
Y[4:0], div by 2
Y[9:5], div by 6
CDCL1810
SLLS781D – FEBRUARY 2007 – REVISED NOVEMBER 2014
www.ti.com
Application Information (continued)
10.1.1.3 Application Curves
Figure 9. Output Group Divider Change
Figure 10. Individual Output Disable/Enable
11 Power Supply Recommendations
The device is designed to operate from an input voltage supply of 1.8 V for analog supply (AVDD) and core
supply (VDD). Both AVDD and VDD can be supplied by a single source.
12 Layout
12.1 Layout Guidelines
Keep the connections between the bypass capacitors and the power supply on the device as short as
possible.
Ground the other side of the capacitor using a low impedance connection to the ground plane.
If the capacitors are mounted on the back side, 0402 components can be employed; however, soldering to
the Thermal Dissipation Pad can be difficult.
For component side mounting, use 0201 body size capacitors to facilitate signal routing.
NOTE
The device must be soldered to ground (VSS) using as many ground vias as possible. The
device performance will be severely impacted if the exposed thermal pad is not grounded
appropriately.
22
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: CDCL1810


Similar Part No. - CDCL1810RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810RGZR TI-CDCL1810RGZR Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810RGZRG4 TI-CDCL1810RGZRG4 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
More results

Similar Description - CDCL1810RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
National Semiconductor ...
LMK01000 NSC-LMK01000 Datasheet
431Kb / 18P
   1.6 GHz High Performance Clock Buffer, Divider, and Distributor
logo
Texas Instruments
LMK01000 TI1-LMK01000_14 Datasheet
896Kb / 27P
[Old version datasheet]   1.6 GHz High Performance Clock Buffer, Divider, and Distributor
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com