Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCL1810RGZR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810RGZR
Description  Output, High-Performance Clock Distributor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810RGZR Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCL1810RGZR Datasheet HTML 13Page - Texas Instruments CDCL1810RGZR Datasheet HTML 14Page - Texas Instruments CDCL1810RGZR Datasheet HTML 15Page - Texas Instruments CDCL1810RGZR Datasheet HTML 16Page - Texas Instruments CDCL1810RGZR Datasheet HTML 17Page - Texas Instruments CDCL1810RGZR Datasheet HTML 18Page - Texas Instruments CDCL1810RGZR Datasheet HTML 19Page - Texas Instruments CDCL1810RGZR Datasheet HTML 20Page - Texas Instruments CDCL1810RGZR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
CDCL1810
www.ti.com
SLLS781D – FEBRUARY 2007 – REVISED NOVEMBER 2014
9.7.7 Byte 6:
POWER UP
REFERENCE
BIT
BIT NAME
DESCRIPTION/FUNCTION
TYPE
CONDITION
TO
7
ENDRV3
YP[3], YN[3] enable; if 0 output is disabled
R/W
1
6
ENDRV2
YP[2], YN[2] enable; if 0 output is disabled
R/W
1
5
ENDRV1
YP[1], YN[1] enable; if 0 output is disabled
R/W
1
4
ENDRV0
YP[0], YN[0] enable; if 0 output is disabled
R/W
1
3
RES
Reserved
R/W
0
2
RES
Reserved
R/W
0
1
RES
Reserved
R/W
0
0
RES
Reserved
R/W
0
Table 3. Divide Ratio Settings for Post-Divider P0 or P1
DIVIDE
SELP1[3] or
SELP1[2] or
SELP1[1] or
SELP1[0] or
NOTES
RATIO
SELP0[3]
SELP0[2]
SELP0[1]
SELP0[0]
1
0
0
0
0
Default
2
0
0
0
1
4
0
0
1
0
5
0
0
1
1
8
0
1
0
0
10
0
1
0
1
16
0
1
1
0
20
0
1
1
1
32
1
0
0
0
40
1
0
0
1
80
1
0
1
0
Table 4. Phase Settings for Divide Ratio = 5, 10, 20, 40, 80
WITH PH0[4:0] = 00000
DIVIDE
PHASE LEAD
PH1
NOTES
RATIO
(RADIAN)
[4]
[3]
[2]
[1]
[0]
5
X
X
X
X
X
0
Phase setting not available
10
X
X
X
0
X
0
X
X
X
1
X
(2
π/2)
20
X
X
0
0
X
0
X
X
0
1
X
(2
π/4)
X
X
1
0
X
2(2
π/4)
X
X
1
1
X
3(2
π/4)
40
X
0
0
0
X
0
X
0
0
1
X
(2
π/8)
X
0
1
0
X
2(2
π/8)
X
0
1
1
X
3(2
π/8)
X
1
0
0
X
4(2
π/8)
X
1
0
1
X
5(2
π/8)
X
1
1
0
X
6(2
π/8)
X
1
1
1
X
7(2
π/8)
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: CDCL1810


Similar Part No. - CDCL1810RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810RGZR TI-CDCL1810RGZR Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810RGZRG4 TI-CDCL1810RGZRG4 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
More results

Similar Description - CDCL1810RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
National Semiconductor ...
LMK01000 NSC-LMK01000 Datasheet
431Kb / 18P
   1.6 GHz High Performance Clock Buffer, Divider, and Distributor
logo
Texas Instruments
LMK01000 TI1-LMK01000_14 Datasheet
896Kb / 27P
[Old version datasheet]   1.6 GHz High Performance Clock Buffer, Divider, and Distributor
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com