Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCL1810 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810
Description  Output, High-Performance Clock Distributor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CDCL1810 Datasheet HTML 6Page - Texas Instruments CDCL1810 Datasheet HTML 7Page - Texas Instruments CDCL1810 Datasheet HTML 8Page - Texas Instruments CDCL1810 Datasheet HTML 9Page - Texas Instruments CDCL1810 Datasheet HTML 10Page - Texas Instruments CDCL1810 Datasheet HTML 11Page - Texas Instruments CDCL1810 Datasheet HTML 12Page - Texas Instruments CDCL1810 Datasheet HTML 13Page - Texas Instruments CDCL1810 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
V
DD
CLKN
CLKP
YN[4:0]
YP[4:0]
YN[9:5]
YP[9:5]
SDA/SCL
See Note 1
Divider Setting
CML
CML
SDA/SCL
V
SS
LVDS
CML
CML
Divider
P0
Divider
P1
Control
SDA/SCL
Differential
LVDSInput
Upto650MHz
5Differential
CMLOutputs
Upto650MHz
5Differential
CMLOutputs
Upto650MHz
DIVIDER
DIVIDER
CDCL1810
SLLS781D – FEBRUARY 2007 – REVISED NOVEMBER 2014
www.ti.com
9 Detailed Description
9.1 Overview
The CDCL1810 is a high-performance 10 output clock distributor. The device operates form a single 1.8-V
supply. The outputs are grouped in to banks of 5 outputs each with independent frequency division ratios.
9.2 Functional Block Diagrams
Figure 4. SDA/SCL Interface
Note 1: Outputs can be disabled to floating. When outputs are left floating, internal 50
Ω termination to VDD pulls both
YN and YP to VDD.
10
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: CDCL1810


Similar Part No. - CDCL1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810A TI1-CDCL1810A Datasheet
1Mb / 30P
Single 1.8 V Supply
CDCL1810ARGZR TI1-CDCL1810ARGZR Datasheet
1Mb / 30P
Single 1.8 V Supply
CDCL1810ARGZT TI1-CDCL1810ARGZT Datasheet
1Mb / 30P
Single 1.8 V Supply
CDCL1810RGZR TI-CDCL1810RGZR Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
More results

Similar Description - CDCL1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
National Semiconductor ...
LMK01000 NSC-LMK01000 Datasheet
431Kb / 18P
1.6 GHz High Performance Clock Buffer, Divider, and Distributor
logo
Texas Instruments
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
LMK01000 TI1-LMK01000_14 Datasheet
896Kb / 27P
1.6 GHz High Performance Clock Buffer, Divider, and Distributor
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
16-LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com