Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCL1810 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810
Description  Output, High-Performance Clock Distributor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCL1810 Datasheet HTML 2Page - Texas Instruments CDCL1810 Datasheet HTML 3Page - Texas Instruments CDCL1810 Datasheet HTML 4Page - Texas Instruments CDCL1810 Datasheet HTML 5Page - Texas Instruments CDCL1810 Datasheet HTML 6Page - Texas Instruments CDCL1810 Datasheet HTML 7Page - Texas Instruments CDCL1810 Datasheet HTML 8Page - Texas Instruments CDCL1810 Datasheet HTML 9Page - Texas Instruments CDCL1810 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
CDCL1810
SLLS781D – FEBRUARY 2007 – REVISED NOVEMBER 2014
www.ti.com
8 Specifications
8.1 Absolute Maximum Ratings
(1)
Over operating free-air temperature range (unless otherwise noted).
MIN
MAX
UNIT
VDD, AVDD
Supply voltage(2)
–0.3
2.5
V
VLVDS
Voltage range at LVDS input pins(2)
–0.3
VDD+0.6
V
VI
Voltage range at all non-LVDS input pins(2)
–0.3
VDD+0.6
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
condition is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
8.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
+150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
2000
pins(1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
1500
JESD22-C101, all pins(2)
(1)
JEDEC document JEP155 states that 2000-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 1500-V CDM allows safe manufacturing with a standard ESD control process.
8.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VDD
Digital supply voltage
1.7
1.8
1.9
V
AVD
Analog supply voltage
1.7
1.8
1.9
V
D
TA
Ambient temperature (no airflow, no heatsink)
–40
+85
°C
TJ
Junction temperature
+105
°C
8.4 Thermal Information
CDCL1810
THERMAL METRIC(1)
RGZ Package
UNIT
48 PINS
28.3, Airflow = 0 LFM
RθJA
Junction-to-ambient thermal resistance(2)
22.4, Airflow = 50 LFM
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
No heatsink; power uniformly distributed; 36 ground vias (6 x 6 array) tied to the thermal exposed pad; 4-layer high-K board.
8.5
DC Electrical Characteristics
Over recommended operating conditions (unless otherwise noted).
TEST CONDITIONS
MIN
TYP
MAX
UNIT
All outputs enabled; VDD = VDD,typ
IVDD
Total current from digital 1.8-V supply
212
mA
650MHz LVDS input
All outputs enabled; AVDD = VDD,typ
IAVDD
Total current from analog 1.8-V supply
16
mA
650MHz LVDS input
VIL,CMOS
Low level CMOS input voltage
VDD = 1.8 V
–0.2
0.6
V
VIH,CMOS
High level CMOS input voltage
VDD = 1.8 V
VDD –0.6
VDD
V
6
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: CDCL1810


Similar Part No. - CDCL1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810A TI1-CDCL1810A Datasheet
1Mb / 30P
[Old version datasheet]   Single 1.8 V Supply
CDCL1810ARGZR TI1-CDCL1810ARGZR Datasheet
1Mb / 30P
[Old version datasheet]   Single 1.8 V Supply
CDCL1810ARGZT TI1-CDCL1810ARGZT Datasheet
1Mb / 30P
[Old version datasheet]   Single 1.8 V Supply
CDCL1810RGZR TI-CDCL1810RGZR Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
More results

Similar Description - CDCL1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
[Old version datasheet]   1.8V, 10 Output, High-Performance Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
[Old version datasheet]   Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
National Semiconductor ...
LMK01000 NSC-LMK01000 Datasheet
431Kb / 18P
   1.6 GHz High Performance Clock Buffer, Divider, and Distributor
logo
Texas Instruments
LMK01000 TI1-LMK01000_14 Datasheet
896Kb / 27P
[Old version datasheet]   1.6 GHz High Performance Clock Buffer, Divider, and Distributor
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
[Old version datasheet]   Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-LVPECL Output, High-Performance Clock Buffer
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
[Old version datasheet]   12 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com