Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCL1810 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCL1810
Description  Output, High-Performance Clock Distributor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCL1810 Datasheet(HTML) 5 Page - Texas Instruments

  CDCL1810 Datasheet HTML 1Page - Texas Instruments CDCL1810 Datasheet HTML 2Page - Texas Instruments CDCL1810 Datasheet HTML 3Page - Texas Instruments CDCL1810 Datasheet HTML 4Page - Texas Instruments CDCL1810 Datasheet HTML 5Page - Texas Instruments CDCL1810 Datasheet HTML 6Page - Texas Instruments CDCL1810 Datasheet HTML 7Page - Texas Instruments CDCL1810 Datasheet HTML 8Page - Texas Instruments CDCL1810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
CDCL1810
www.ti.com
SLLS781D – FEBRUARY 2007 – REVISED NOVEMBER 2014
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
PIN NO.
8, 11, 14, 17,
20, 23, 26,
VDD
Power
1.8-V digital power supply.
29, 32, 35,
38, 41
AVDD
2, 5, 44, 47
Power
1.8-V analog power supply.
Exposed
VSS
thermal pad
Power
Ground reference.
and pin 12
1, 13, 45, 46,
NC
I
Not connected; leave open.
48
Differential LVDS input. Single-ended 1.8-V input can be dc-coupled to pin 3 with pin 4 either tied
CLKP, CLKN
3, 4
I
to pin 3 (recommended) or left open.
YP0, YN0
6, 7
YP1, YN1
9, 10
YP2, YN2
15, 16
YP3, YN3
18, 19
YP4, YN4
21, 22
O
10 differential CML outputs.
YP5, YN5
27, 28
YP6, YN6
30, 31
YP7, YN7
33, 34
YP8, YN8
40, 39
YP9, YN9
43, 42
SCL serial clock pin. SCL tolerated 1.8V on the input only. Open drain. Always connect to a pull-
SCL
24
I
up resistor.
SDA bidirectional serial data pin. SDA tolerates 1.8 V on the input only.Open drain. Always
SDA
25
I/O
connect to a pull-up resistor.
Configurable least significant bits (ADD[1:0]) of the SDA/SCL device address. The fixed most
ADD1, ADD0
37, 36
I
significant bits (ADD[6:2]) of the 7-bit device address are 11010.
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CDCL1810


Similar Part No. - CDCL1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
CDCL1810A TI1-CDCL1810A Datasheet
1Mb / 30P
Single 1.8 V Supply
CDCL1810ARGZR TI1-CDCL1810ARGZR Datasheet
1Mb / 30P
Single 1.8 V Supply
CDCL1810ARGZT TI1-CDCL1810ARGZT Datasheet
1Mb / 30P
Single 1.8 V Supply
CDCL1810RGZR TI-CDCL1810RGZR Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
More results

Similar Description - CDCL1810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCL1810 TI-CDCL1810 Datasheet
544Kb / 25P
1.8V, 10 Output, High-Performance Clock Distributor
CDCE72010 TI-CDCE72010 Datasheet
1Mb / 70P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
CDCE72010 TI-CDCE72010_09 Datasheet
1Mb / 73P
Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
logo
National Semiconductor ...
LMK01000 NSC-LMK01000 Datasheet
431Kb / 18P
1.6 GHz High Performance Clock Buffer, Divider, and Distributor
logo
Texas Instruments
LMK01000 TI1-LMK01000_14 Datasheet
896Kb / 27P
1.6 GHz High Performance Clock Buffer, Divider, and Distributor
CDCLVP1204 TI1-CDCLVP1204_15 Datasheet
1Mb / 32P
Four LVPECL Output, High-Performance Clock Buffer
CDCLVP2106 TI1-CDCLVP2106 Datasheet
724Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Texas Instruments
CDCLVP2108 TI1-CDCLVP2108_16 Datasheet
1Mb / 31P
16-LVPECL Output, High-Performance Clock Buffer
CDCLVP1212 TI-CDCLVP1212 Datasheet
710Kb / 23P
12 LVPECL Output, High-Performance Clock Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com