Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE62005 Datasheet HTML 1Page - Texas Instruments CDCE62005 Datasheet HTML 2Page - Texas Instruments CDCE62005 Datasheet HTML 3Page - Texas Instruments CDCE62005 Datasheet HTML 4Page - Texas Instruments CDCE62005 Datasheet HTML 5Page - Texas Instruments CDCE62005 Datasheet HTML 6Page - Texas Instruments CDCE62005 Datasheet HTML 7Page - Texas Instruments CDCE62005 Datasheet HTML 8Page - Texas Instruments CDCE62005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
SerDes
CleanedClock
Data
DSP
CDCE62005
RecoveredClock
DSP Clock
ADCClock
ADCClock
DACClock
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
CDCE62005
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
CDCE62005 3:5 Clock Generator, Jitter Cleaner with Integrated Dual VCOs
1 Features
3 Description
The
CDCE62005
is
a
high
performance
clock
1
Superior Performance:
generator and distributor featuring low output jitter, a
Low Noise Clock Generator: 550 fs rms typical
high degree of configurability via a SPI interface, and
(10 kHz to 20 MHz Integration Bandwidth),
programmable start up modes determined by on-chip
FC = 100 MHz
EEPROM. Specifically tailored for clocking data
converters
and
high-speed
digital
signals,
the
Low Noise Jitter Cleaner: 2.6 ps rms typical
CDCE62005 achieves jitter performance well under 1
(10 kHz to 20 MHz Integration Bandwidth),
ps RMS (10 kHz to 20 MHz integration bandwidth).
FC = 100 MHz
The CDCE62005 incorporates a synthesizer block
Flexible Frequency Planning:
with partially integrated loop filter, a clock distribution
5 Fully Configurable Outputs: LVPECL, LVDS,
block including programmable output formats, and an
LVCMOS and Special High Swing Output
input block featuring an innovative smart multiplexer.
Modes
The clock distribution block includes five individually
Unique Dual-VCO Architecture Supports a
programmable outputs that can be configured to
Wide Tuning Range: 1.750 GHz to 2.356 GHz
provide different combinations of output formats
(LVPECL, LVDS, LVCMOS). Each output can also be
Output Frequency Ranges from 4.25 MHz to
programmed to a unique output frequency (up to 1.5
1.175 GHz in Synthesizer Mode
GHz) and skew relationship via a programmable
Output Frequency up to 1.5 GHz in Fan-Out
delay block (note that frequency range depends on
Mode
operational mode and output format selected). If all
outputs are configured in single-ended mode (for
Independent Coarse Skew Control on all
example, LVCMOS), the CDCE62005 supports up to
Outputs
ten outputs. Each output can select one of four clock
High Flexibility:
sources to condition and distribute including any of
Integrated EEPROM Determines Device
the three clock inputs or the output of the frequency
Configuration at Power-up
synthesizer. The input block includes two universal
differential inputs which support frequencies in the
Smart Input Multiplexer Automatically Switches
range of 40 kHz to 500 MHz and an auxiliary input
Between One of Three Reference Inputs
that can be configured to connect to an external
7 × 7 mm 48-pin VQFN Package (RGZ)
crystal via an on chip oscillator block.
–40°C to 85°C Temperature Range
The smart input multiplexer has two modes of
operation, manual and automatic. In manual mode,
2 Applications
the user selects the synthesizer reference via the SPI
Wireless Infrastructure
interface. In automatic mode, the input multiplexer will
automatically select between the highest priority input
Switches and Routers
clock available.
Medical Electronics
Military and Aerospace
Device Information(1)
Industrial
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDCE62005
VQFN (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Application Example
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8720AV NPC-SM8720AV Datasheet
117Kb / 6P
3-PLL Multi-Output Clock Generator
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
Programmable 3-PLL Clock Generator IC
logo
Nippon Precision Circui...
SM8721AB NPC-SM8721AB Datasheet
83Kb / 8P
3-PLL Multi-Output Clock Generator
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Analog Devices
AD9531 AD-AD9531 Datasheet
1Mb / 88P
3-Channel Clock Generator, 24 Outputs
REV. 0
logo
Pericom Semiconductor C...
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
3-Output LVPECL Networking Clock Generator
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
3-Output LVPECL Networking Clock Generator
logo
Skyworks Solutions Inc.
SI52254 SKYWORKS-SI52254 Datasheet
485Kb / 31P
4/8-Output PCIe Gen1/2/3/4/5 Clock Generator
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com