Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 68 Page - Texas Instruments

Back Button CDCE62005 Datasheet HTML 64Page - Texas Instruments CDCE62005 Datasheet HTML 65Page - Texas Instruments CDCE62005 Datasheet HTML 66Page - Texas Instruments CDCE62005 Datasheet HTML 67Page - Texas Instruments CDCE62005 Datasheet HTML 68Page - Texas Instruments CDCE62005 Datasheet HTML 69Page - Texas Instruments CDCE62005 Datasheet HTML 70Page - Texas Instruments CDCE62005 Datasheet HTML 71Page - Texas Instruments CDCE62005 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
CDCE62005
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
www.ti.com
8.6.8 Device Registers: Register 7 Address 0x07
Table 47. CDCE62005 Register 7 Bit Definitions
RAM BIT
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
0
LFRCSEL0
VCO Core
Loop Filter Control Setting
EEPROM
1
LFRCSEL1
VCO Core
Loop Filter Control Setting
EEPROM
2
LFRCSEL2
VCO Core
Loop Filter Control Setting
EEPROM
3
LFRCSEL3
VCO Core
Loop Filter Control Setting
EEPROM
4
LFRCSEL4
VCO Core
Loop Filter Control Setting
EEPROM
5
LFRCSEL5
VCO Core
Loop Filter Control Setting
EEPROM
6
LFRCSEL6
VCO Core
Loop Filter Control Setting
EEPROM
7
LFRCSEL7
VCO Core
Loop Filter Control Setting
EEPROM
8
LFRCSEL8
VCO Core
Loop Filter Control Setting
EEPROM
9
LFRCSEL9
VCO Core
Loop Filter Control Setting
EEPROM
10
LFRCSEL10
VCO Core
Loop Filter Control Setting
EEPROM
11
LFRCSEL11
VCO Core
Loop Filter Control Setting
EEPROM
12
LFRCSEL12
VCO Core
Loop Filter Control Setting
EEPROM
13
LFRCSEL13
VCO Core
Loop Filter Control Setting
EEPROM
14
LFRCSEL14
VCO Core
Loop Filter Control Setting
EEPROM
15
LFRCSEL15
VCO Core
Loop Filter Control Setting
EEPROM
16
LFRCSEL16
VCO Core
Loop Filter Control Setting
EEPROM
17
LFRCSEL17
VCO Core
Loop Filter Control Setting
EEPROM
18
LFRCSEL18
VCO Core
Loop Filter Control Setting
EEPROM
19
LFRCSEL19
VCO Core
Loop Filter Control Setting
EEPROM
20
LFRCSEL20
VCO Core
Loop Filter Control Setting
EEPROM
21
RESERVED
Must be set to 0
EEPROM
22
RESERVED
Must be set to 1
EEPROM
If set to 0, it enables short delay for fast operation
23
SEL_DEL2
Smart Mux
EEPROM
If Set to 1, Long Delay recommended for Input References below 150 MHz.
24
RESERVED
Must be set to 1
EEPROM
If set to 0, it enables short delay for fast operation
25
SEL_DEL1
Smart Mux
EEPROM
If Set to 1, Long Delay recommended for Input References below 150 MHz.
Read Only
If EPLOCK reads 0 EEPROM is unlocked. If EPLOCK reads 1, then the EEPROM is locked (see
26
EPLOCK
Status
EEPROM
Table 38 for how to lock the EEPROM – this can only be executed once after which the EEPROM is
locked permanently).
27
RESERVED
Status
Read Only; Always reads 1.
EEPROM
68
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 80P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
[Old version datasheet]   Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI52254 SKYWORKS-SI52254 Datasheet
485Kb / 31P
   4/8-Output PCIe Gen1/2/3/4/5 Clock Generator
Rev. 1.0
logo
Pericom Semiconductor C...
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
logo
Nippon Precision Circui...
SM8720AV NPC-SM8720AV Datasheet
117Kb / 6P
   3-PLL Multi-Output Clock Generator
SM8721AB NPC-SM8721AB Datasheet
83Kb / 8P
   3-PLL Multi-Output Clock Generator
logo
Analog Devices
AD9531 AD-AD9531 Datasheet
1Mb / 88P
   3-Channel Clock Generator, 24 Outputs
REV. 0
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
   Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Pericom Semiconductor C...
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
   3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
   Programmable 3-PLL Clock Generator IC
logo
Pericom Semiconductor C...
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
   3-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com