Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE62005 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE62005
Description  3:5 Clock Generator
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE62005 Datasheet(HTML) 5 Page - Texas Instruments

  CDCE62005 Datasheet HTML 1Page - Texas Instruments CDCE62005 Datasheet HTML 2Page - Texas Instruments CDCE62005 Datasheet HTML 3Page - Texas Instruments CDCE62005 Datasheet HTML 4Page - Texas Instruments CDCE62005 Datasheet HTML 5Page - Texas Instruments CDCE62005 Datasheet HTML 6Page - Texas Instruments CDCE62005 Datasheet HTML 7Page - Texas Instruments CDCE62005 Datasheet HTML 8Page - Texas Instruments CDCE62005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 85 page
background image
CDCE62005
www.ti.com
SCAS862F – NOVEMBER 2008 – REVISED JANUARY 2015
Pin Functions(1) (continued)
PIN
TYPE
DESCRIPTION
NAME
NUMBER
SPI_CLK
LVCMOS input, serial Control Clock Input for the SPI bus interface, with Hysteresis. The
24
I
input has an internal 150-k
Ω pull-up resistor if left unconnected it will default to logic level
1.
SPI_MOSI
LVCMOS input, Master Out Slave In as a serial Control Data Input to CDCE62005 for the
23
I
SPI bus interface. The input has an internal 150-k
Ω pull-up resistor if left unconnected it
will default to logic level 1.
TEST_MODE
33
I
This pin should be tied high or left unconnected.
REF_SEL
If Auto Reference Select Mode is OFF this Pin acts as External Input Reference Select
Pin;
The REF_SEL signal selects one of the two input clocks:
31
I
REF_SEL [1]: PRI_REF is selected; REF_SEL [0]: SEC_REF is selected;
The input has an internal 150-k
Ω pull-up resistor if left unconnected it will default to logic
level 1. If Auto Reference Select Mode in ON (for example, EECLKSEL bit -- Register 5
Bit 5 -- is 1 ), then REF_SEL pin input setting is ignored.
Power_Down
Active Low. Power down mode can be activated via this pin. See Table 4 for more details.
The input has an internal 150-k
Ω pull-up resistor if left unconnected it will default to logic
12
I
level 1. SPI_LE has to be HIGH in order for the rising edge of Power_Down signal to load
the EEPROM.
SYNC
Active Low. Sync mode can be activated via this pin. See Table 4 for more details. The
14
I
input has an internal 150-k
Ω, pull-up resistor if left unconnected it will default to logic level
1.
AUX IN
Auxiliary Input is a single ended input including an on-board oscillator circuit so that a
43
I
crystal may be connected.
AUX OUT
Auxiliary Output LVCMOS level that can be programmed via SPI interface to be driven by
13
O
Output 2 or Output 3.
PRI_REF+
Universal Input Buffer (LVPECL, LVDS, LVCMOS) positive input for the Primary
45
I
Reference Clock.
PRI_REF–
Universal Input Buffer (LVPECL, LVDS) negative input for the Primary Reference Clock.
46
I
In case of LVCMOS input on PRI_REF+, connect this pin through 1 k
Ω resistor to GND.
SEC_REF+
Universal Input Buffer (LVPECL, LVDS, LVCMOS) positive input for the Secondary
3
I
Reference Clock.
SEC_REF–
Universal Input Buffer (LVPECL, LVDS,) negative input for the Secondary Reference
2
I
Clock. In case of LVCMOS input on SEC_REF+, connect this pin through 1 k
Ω resistor to
GND.
TESTOUTA
30
Analog
Reserved. Pull Down to GND Via a 1-k
Ω Resistor.
REG_CAP1
4
Analog
Capacitor for the internal Regulator. Connect to a 10uF Capacitor (X5R or X7R)
REG_CAP2
38
Analog
Capacitor for the internal Regulator. Connect to a 10uF Capacitor (X5R or X7R)
VBB
48
Analog
Capacitor for the internal termination Voltage. Connect to a 1uF Capacitor (X5R or X7R)
EXT_LFP
40
Analog
External Loop Filter Input Positive
EXT_LFN
41
Analog
External Loop Filter Input Negative.
PLL_LOCK
37
O
Output that indicates PLL Lock Status. See Figure 31.
U0P:U0N
27, 28
The Main outputs of CDCE62005 are user definable and can be any combination of up to
5 LVPECL outputs, 5 LVDS outputs or up to 10 LVCMOS outputs. The outputs are
U1P:U1N
19, 20
selectable via SPI interface. The power-up setting is EEPROM configurable.
U2P:U2N
16,17
O
U3P:U3N
9, 10
U4P:U4N
6, 7
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: CDCE62005


Similar Part No. - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005 TI-CDCE62005 Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZR TI-CDCE62005RGZR Datasheet
2Mb / 80P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
CDCE62005RGZT TI-CDCE62005RGZT Datasheet
2Mb / 76P
Five/Ten Output Clock Generator/Jitter Cleaner With Integrated Dual VCOs
More results

Similar Description - CDCE62005

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8720AV NPC-SM8720AV Datasheet
117Kb / 6P
3-PLL Multi-Output Clock Generator
logo
AMI SEMICONDUCTOR
FS6377-01 AMI-FS6377-01 Datasheet
1Mb / 21P
Programmable 3-PLL Clock Generator IC
logo
Nippon Precision Circui...
SM8721AB NPC-SM8721AB Datasheet
83Kb / 8P
3-PLL Multi-Output Clock Generator
logo
ON Semiconductor
FS6377 ONSEMI-FS6377 Datasheet
899Kb / 24P
Programmable 3-PLL Clock Generator IC
May 2008 ??Rev. 4
logo
Analog Devices
AD9531 AD-AD9531 Datasheet
1Mb / 88P
3-Channel Clock Generator, 24 Outputs
REV. 0
logo
Pericom Semiconductor C...
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
3-Output LVPECL Networking Clock Generator
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
3-Output LVPECL Networking Clock Generator
logo
Skyworks Solutions Inc.
SI52254 SKYWORKS-SI52254 Datasheet
485Kb / 31P
4/8-Output PCIe Gen1/2/3/4/5 Clock Generator
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com