Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12026 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 12026
Description  Series 518 Open Frame Capacitor Socket w/Collet Contacts & Solder Pin Tails
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

12026 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  12026 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2609 Bartram Road Bristol, PA 19007-6810 USA
TEL 215-781-9956 FAX 215-781-9845
WWW.ARIESELEC.COM • INFO@ARIESELEC.COM
12026
Rev. 1.3
1 of 1
CUSTOMIZATION: ARIES SPECIALIZES IN CUSTOM DESIGN AND PRODUCTION.
SPECIAL MATERIALS, PLATINGS, SIZES, AND CONFIGURATIONS CAN BE
FURNISHED, DEPENDING ON QUANTITY.
ARIES RESERVES THE RIGHT TO CHANGE PRODUCT GENERAL SPECIFICATIONS
WITHOUT NOTICE
PRINTOUTS OF THIS DOCUMENT MAY BE OUT-OF-DATE AND SHOULD BE
CONSIDERED UNCONTROLLED
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
OPEN FRAME COLLET SOCKET w/WIRE WRAP PINS, SEE DATA SHEET 12016
OPEN FRAME COLLET SOCKET w/SOLDER PIN TAILS, SEE DATA SHEET 12017
OPEN FRAME SURFACE MOUNT SOCKET, SEE DATA SHEET 12018
OPEN FRAME COLLET CAPACITOR SOCKET w/WIRE WRAP, SEE DATA SHEET 12027
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
Series 518 Open Frame Capacitor Socket
w/Collet Contacts & Solder Pin Tails
FEATURES
• Capacitorbypassesunwantedelectromagneticnoise
• Availablewith0.1µFor0.33µFCapacitor,50V,Z5Utemperaturecoefficient
• Openframeallowsformoreefficientutilizationofboardspaceandbettercooling
• CompatiblewithAutomaticInsertionEquipment
• Side-to-sideandEnd-to-endStackable
GENERAL SPECIFICATIONS
BODY MATERIAL:BlueUL94V-0Glass-filledPolyesterThermoplastic(PBT)
PIN BODY:Brass3601/2-hardperUNSC36000ASTMB16-85
PIN BODY PLATING:either10µ[0.25µ]min.AuperMIL-G-45204
or200µ[5.08µ]
min.93/7Sn/PbperASTMB545
or200µ[5.08µ]min.SnperASTMB545Type1
over100µ[2.54µ]min.NiperSAEAMS-QQ-N-290
4-FINGER COLLET CONTACT:BeCuperUNSC17200ASTM-B194-92
CONTACT PLATING:10µ[0.25µ]min.AuperMIL-G-45204–OR–150µ[3.81µ]min.
93/7Sn/PbperMIL-P-81728over50µ[1.27µ]min.NiperQQ-N-290.Heavy30µ
[0.76µ]Auplatingalsoavailable
CONTACT CURRENT RATING:3amps
OPERATING TEMPERATURE:221°F[105°C]forSnplating,and257°F[125°C]forAu
plating
INSERTION FORCE:180g/pin
WITHDRAWAL FORCE:90g/pin
NORMAL FORCE:140g/pin;basedona0.018[0.46]dia.testlead
ACCEPTS LEADS:0.015-0.025[0.38-0.64]india.
LEAD LENGTHS:from0.100[2.54]min.
MOUNTING CONSIDERATIONS
SUGGESTED PCB HOLE SIZE:0.030±0.002[0.76±0.05]dia.
Frame Style No. of Ribs
Centers “Y”
Dim. “Z”
No. of Pins
B
2
0.300[7.62] 0.400[10.16]
14, 16, 18, 20
0.400[10.16] 0.500[12.70]
20, 22, 24
C
3
0.300[7.62]
0.400[10.16]
24, 28
0.600[15.24] 0.700[17.78]
24,28,32,40
ORDERING INFORMATION
XX-X 518-X X X X
Additional Options
H= HeavyAuonCollet
T= SnonCollet
E= ExtraLongSolderTail
Capacitor
1= 0.1µF
2= 0.33µF
Plating
0= AuCollet,SnShell
0TL= AuCollet,Sn/PhShell
1= AuCollet&Shell
Solder Pin Tail
Series
Row-to-Row Spacing, “Y” Dim.
3= 0.300[7.62]
4= 0.400[10.16]
6= 0.600[15.24]
No. of Pins
(SeeTable)


Similar Part No. - 12026

ManufacturerPart #DatasheetDescription
logo
Heyco.
12026 HEYCO-12026 Datasheet
114Kb / 1P
   Cable Holders - Snap Rivet Mount
logo
PHOENIX CONTACT
1202603 PHOENIX-1202603 Datasheet
46Kb / 2P
   Stamping bit - PPS-ST (5,5X12)L
1202616 PHOENIX-1202616 Datasheet
50Kb / 2P
   Stamping bit - PPS-ST (4,3)
1202629 PHOENIX-1202629 Datasheet
49Kb / 2P
   Stamping bit - PPS-ST (5,3)
1202632 PHOENIX-1202632 Datasheet
50Kb / 2P
   Stamping bit - PPS-ST (6,4)
More results

Similar Description - 12026

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
12016 ARIES-12016 Datasheet
924Kb / 2P
   Series 518 Open Frame Socket w/Collet Contacts & Solder Pin Tails
12018 ARIES-12018 Datasheet
858Kb / 1P
   Series 518 Open Frame Socket w/Collet Contacts & Surface Mount Pins
13007 ARIES-13007 Datasheet
667Kb / 1P
   Series 8 Elevator Socket w/Collet Contacts & Solder Pin Tails
13008 ARIES-13008 Datasheet
978Kb / 1P
   Series 8 Elevator Socket w/Collet Contacts & Solder Pin Tails
12020 ARIES-12020 Datasheet
709Kb / 1P
   Single and Dual Row Solder Pin Tails Collet Socket ??Series 518
12013 ARIES-12013 Datasheet
543Kb / 1P
   Series 0513 Pin-Line??Socket Strips w/Collet Contacts & Solder Pin Tails
12011 ARIES-12011 Datasheet
651Kb / 1P
   Series 513 Lo-PRO file Socket w/Collet Contacts & Solder Pin Tails
12027 ARIES-12027 Datasheet
563Kb / 1P
   Series 508 Open-Frame Capacitor Socket w/Collet Contacts & Wire Wrap Pins
12024 ARIES-12024 Datasheet
856Kb / 2P
   EJECT-A-DIP Lock/Eject DIP Socket w/Collet Contacts & Solder Pin Tails
12017 ARIES-12017 Datasheet
814Kb / 1P
   Series 508 Open Frame Socket w/Collet Contacts & Wire Wrap Pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com