Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL8820 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AL8820
Description  40V, 2A BOOST/BUCK LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8820 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AL8820 Datasheet HTML 3Page - Diodes Incorporated AL8820 Datasheet HTML 4Page - Diodes Incorporated AL8820 Datasheet HTML 5Page - Diodes Incorporated AL8820 Datasheet HTML 6Page - Diodes Incorporated AL8820 Datasheet HTML 7Page - Diodes Incorporated AL8820 Datasheet HTML 8Page - Diodes Incorporated AL8820 Datasheet HTML 9Page - Diodes Incorporated AL8820 Datasheet HTML 10Page - Diodes Incorporated AL8820 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AL8820
Document number: DS37369 Rev. 1 - 2
7 of 15
www.diodes.com
December 2014
© Diodes Incorporated
AL8820
Application Information
AL8820 Operation
The device integrates two DC/DC regulators. This two stage design offers superior performance for MR16/AR111 applications. The first stage is a
boost PFC stage which improves PF, reduces EMI and conditions the input to be compatible with many of the most commonly used Electronic
Transformers (ET). This input stage also provides power for the second stage buck converter which provides regulated constant output current for
the LEDs.
D2
D1
D3
D4
D5
D6
RSET1
RHYS
RSET2
R1
R2
C1
C2
C3
SW1
CS1
FB
COMP
SW2
VCC
VIN
CS2
(Exposed Pad)
L2
L3
C4
C5
VLED
Vac
L1
Figure 1. Typical Application Circuit
VIN Voltage Setting
VIN Voltage is the output voltage of boost section and is also the input voltage of the buck section. Therefore VIN must be set sufficiently higher
than the output voltage of buck section. For the Boost application, the output voltage can be defined as:
2
2
1
22
.
1
R
R
R
V
V
IN
RSET1 and RHYS Setting
The Boost converter of the AL8820 operates at continuous conduction mode and is based on hysteresis schematic which has lower threshold and
upper threshold. Refer to Figure 2 depicting the inductor current waveform.
IL
IL(ave)
IL(val)
Time
tON
tOFF
Peak or Upper Threshold
Valley or Lower Threshold
IL(peak)
Figure 2. Inductor Current
When switch SW1 is turned on, the inductor current flows through RSET1 and ramps up linearly. The rising current produces a voltage ramp across
RSET1. When the voltage across RSET1 reaches the upper threshold, switch SW1 is turned off. The inductor current continues to flow through
RSET1 but decays. The decaying current produces a falling voltage at RSET1. When the voltage across RSET1 falls to the lower threshold, switch
SW1 is turned on again.
The lower threshold voltage VLT depends on the voltage VCOMP at COMP pin that varies with the input voltage and output load. The equation is
shown as below.


Similar Part No. - AL8820

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8821 DIODES-AL8821 Datasheet
392Kb / 14P
   40V, 2A BOOST LED DRIVER
AL8821 DIODES-AL8821 Datasheet
270Kb / 14P
   BOOST LED DRIVER
AL8821SP-13 DIODES-AL8821SP-13 Datasheet
392Kb / 14P
   40V, 2A BOOST LED DRIVER
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
   BOOST LED DRIVER
AL8822 DIODES-AL8822 Datasheet
275Kb / 15P
   50V, 2A BOOST LED DRIVER
More results

Similar Description - AL8820

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8821 DIODES-AL8821 Datasheet
392Kb / 14P
   40V, 2A BOOST LED DRIVER
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
   Buck- Boost LED Driver up to Vout=40V
logo
Linear Technology
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
logo
Diodes Incorporated
AL8822 DIODES-AL8822 Datasheet
275Kb / 15P
   50V, 2A BOOST LED DRIVER
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com