Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL8820 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AL8820
Description  40V, 2A BOOST/BUCK LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL8820 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AL8820 Datasheet HTML 2Page - Diodes Incorporated AL8820 Datasheet HTML 3Page - Diodes Incorporated AL8820 Datasheet HTML 4Page - Diodes Incorporated AL8820 Datasheet HTML 5Page - Diodes Incorporated AL8820 Datasheet HTML 6Page - Diodes Incorporated AL8820 Datasheet HTML 7Page - Diodes Incorporated AL8820 Datasheet HTML 8Page - Diodes Incorporated AL8820 Datasheet HTML 9Page - Diodes Incorporated AL8820 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AL8820
Document number: DS37369 Rev. 1 - 2
6 of 15
www.diodes.com
December 2014
© Diodes Incorporated
AL8820
4
8
12
16
20
24
28
32
36
-92
-90
-88
-86
-84
-82
-80
Vin Pin Voltage (V)
Performance Characteristics (Cont.)
Boost Sense Voltage Low Level vs.
Boost Sense Voltage Low Level vs.
VIN Pin Voltage
Ambient Temperature
Hysteresis Current vs. VIN Pin Voltage
Hysteresis Current vs. Ambient Temperature
Buck Sense Voltage Average Level vs.
Buck Sense Voltage Average Level vs.
VIN Pin Voltage
Ambient Temperature
-45
-30
-15
0
15
30
45
60
75
90
105
-92
-90
-88
-86
-84
-82
-80
Ambient Temperature (
oC)
V
IN
= 12V
4
8
12
16
20
24
28
32
36
98
100
102
104
106
108
110
112
114
Vin Pin Voltage (V)
4
8
12
16
20
24
28
32
36
98
99
100
101
102
103
104
VIN Pin Voltage (V)
-45
-30
-15
0
15
30
45
60
75
90
105
98
99
100
101
102
103
104
Ambient Temperature (
oC)
V
IN
= 12V
-45
-30
-15
0
15
30
45
60
75
90
105
98
100
102
104
106
108
110
112
114
Ambient Temperature (
oC)
V
IN
= 12V


Similar Part No. - AL8820

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8821 DIODES-AL8821 Datasheet
392Kb / 14P
   40V, 2A BOOST LED DRIVER
AL8821 DIODES-AL8821 Datasheet
270Kb / 14P
   BOOST LED DRIVER
AL8821SP-13 DIODES-AL8821SP-13 Datasheet
392Kb / 14P
   40V, 2A BOOST LED DRIVER
AL8821 DIODES-AL8821_17 Datasheet
270Kb / 14P
   BOOST LED DRIVER
AL8822 DIODES-AL8822 Datasheet
275Kb / 15P
   50V, 2A BOOST LED DRIVER
More results

Similar Description - AL8820

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AL8821 DIODES-AL8821 Datasheet
392Kb / 14P
   40V, 2A BOOST LED DRIVER
logo
Recom International Pow...
RBD-12 RECOM-RBD-12 Datasheet
160Kb / 3P
   Buck- Boost LED Driver up to Vout=40V
logo
Linear Technology
LTC3115-2 LINER-LTC3115-2_15 Datasheet
775Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-1 LINER-LTC3115EDHD-1 Datasheet
190Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115-1 LINER-LTC3115-1_15 Datasheet
617Kb / 42P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
LTC3115EDHD-2 LINER-LTC3115EDHD-2 Datasheet
440Kb / 6P
   40V, 2A Synchronous Buck-Boost DC/DC Converter
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
logo
Diodes Incorporated
AL8822 DIODES-AL8822 Datasheet
275Kb / 15P
   50V, 2A BOOST LED DRIVER
AL8860 DIODES-AL8860_18 Datasheet
569Kb / 17P
   40V 1.5A BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com