Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

189000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 189000
Description  Miniature Fuse-Links
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

189000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  189000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G-Sicherungseinsätze / Miniature Fuse-Links
Type
189000
Aufbau / Construction
t
n
e
r
a
p
s
n
a
r
t
/
g
i
t
h
c
i
s
h
c
r
u
d
e
b
u
t
s
s
a
l
g
/
r
h
o
r
s
a
l
G
Kontaktkappen / end caps
Messing, vernickelt / brass, nickel-plated
Verpackung / Packing
100 Stück / pieces (10 x 10)
1000 Stück Industrieverpackung / pieces industrial packs (IP)
Schmelzzeitgrenzwerte / Fusing time limits
Bemessungsstrom
Rated Current
2 I
n
2,75 I
n
4 I
n
10 I
n
min.
max.
min.
max.
min.
max.
min.
max.
50 mA - 100 mA
-
20 s
2 ms
200 ms
1 ms
30 ms
-
5 ms
125 mA - 10 A
-
20 s
20 ms
1,5 s
8 ms
400 ms
-
80 ms
Bemessungs-
strom
Rated Current
Bemessungs-
Ausschaltvermögen
Rated Breaking
Capacity
Spannungsfall
Voltage Drop
Leistungsabgabe
Power Dissipa-
tion (@ 1,15 I
n)
Schmelzintegral
I²t
s Value
Approbationen
Approvals
mV
W
A²s
50 mA
35 A @ AC 250 V
9600
0,7
0,0003
63 mA
35 A @ AC 250 V
6000
0,5
0,0005
80 mA
35 A @ AC 250 V
5000
0,6
0,001
100 mA
35 A @ AC 250 V
4500
0,7
0,0014
125 mA
35 A @ AC 250 V
4000
0,7
0,0034
160 mA
35 A @ AC 250 V
3500
0,8
0,007
200 mA
35 A @ AC 250 V
3000
0,9
0,013
250 mA
35 A @ AC 250 V
3000
1,0
0,022
315 mA
35 A @ AC 250 V
2500
1,1
0,054
400 mA
35 A @ AC 250 V
2200
1,2
0,11
500 mA
35 A @ AC 250 V
1900
1,3
0,21
630 mA
35 A @ AC 250 V
400
0,4
0,26
800 mA
35 A @ AC 250 V
350
0,4
0,57
1 A
35 A @ AC 250 V
300
0,5
1,1
1,25 A
35 A @ AC 250 V
300
0,6
2
1,6 A
35 A @ AC 250 V
300
0,7
3,3
2 A
35 A @ AC 250 V
250
0,8
6,2
2,5 A
35 A @ AC 250 V
220
0,9
13
3,15 A
35 A @ AC 250 V
200
1,1
24
4 A
40 A @ AC 250 V
200
1,3
40
5 A
50 A @ AC 250 V
180
1,4
80
6,3 A
63 A @ AC 250 V
170
1,6
150
8 A
80 A @ AC 250 V
160
2
240
10 A
100 A @ AC 250 V
150
2,3
500
12,5 A
125 A @ AC 250 V
140
2,5
650
16 A
160 A @ AC 250 V
130
2,8
1250
20 A
200 A @ AC 250 V
130
4,0
1600
Bei Verwendung dieser G-Sicherungseinsätze ab 6,3 A ist auf ausreichende Wärmeabfuhr zu achten.
When using this type from 6.3 A up, consideration should be given to heat dissipation.
Zeit/Strom-Kennlinien
Time-Current Characteristics
10
10
10
10
10
10
10
10
-3
-2
1
-
0
1
2
3
4
t
sec.
1
2
3
4
5 6 7 8 9 10
5
1
I
Ir t.
a
50mA - 100mA
125mA - 10A
Type
189000
(IEC 60127-2/4)
6,3 x 32 mm
(0,25 x 1,25“)
250 V
F
flink
quick acting
Abmessungen
Dimensions
Europa Part Ref: 70-059-60


Similar Part No. - 189000

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1890015 PHOENIX-1890015 Datasheet
56Kb / 4P
PCB terminal block - FFKDSA1/V-3,81-17
1890028 PHOENIX-1890028 Datasheet
116Kb / 4P
MKKDSH 3/ 2 BK
1890031 PHOENIX-1890031 Datasheet
68Kb / 5P
PCB terminal block - MKKDSH 3/ 3 BK
More results

Similar Description - 189000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
L562 MINIATURE GLASS FUSE LINKS
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
NH Fuse Links
logo
List of Unclassifed Man...
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
Cylindrical fuse links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
Cylindrical fuse links
logo
List of Unclassifed Man...
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
NH photovoltaic fuse links
logo
Cooper Bussmann, Inc.
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
XL Photovoltaic fuse links
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
NH photovoltaic fuse links
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
BS88 Joint Service Fuse Links
logo
List of Unclassifed Man...
GH710 ETC1-GH710 Datasheet
70Kb / 3P
GH Industrial HRC Fuse Links
logo
Cooper Bussmann, Inc.
SSD2 COOPER-SSD2_15 Datasheet
77Kb / 3P
Standard fuse links size E1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com