Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3131D2 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3131D2
Description  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPA3131D2 Datasheet HTML 11Page - Texas Instruments TPA3131D2 Datasheet HTML 12Page - Texas Instruments TPA3131D2 Datasheet HTML 13Page - Texas Instruments TPA3131D2 Datasheet HTML 14Page - Texas Instruments TPA3131D2 Datasheet HTML 15Page - Texas Instruments TPA3131D2 Datasheet HTML 16Page - Texas Instruments TPA3131D2 Datasheet HTML 17Page - Texas Instruments TPA3131D2 Datasheet HTML 18Page - Texas Instruments TPA3131D2 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
TPA3131D2, TPA3132D2
www.ti.com
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
7.3.6 BSPx and BSNx Capacitors
The full H-bridge output stages use only NMOS transistors. Therefore, they require bootstrap capacitors for the
high side of each output to turn on correctly. A 220 nF ceramic capacitor of quality X5R or better, rated for at
least 16 V, must be connected from each output to its corresponding bootstrap input. (See the application circuit
diagram in Figure 29.) The bootstrap capacitors connected between the BSxx pins and corresponding output
function as a floating power supply for the high-side N-channel power MOSFET gate drive circuitry. During each
high-side switching cycle, the bootstrap capacitors hold the gate-to-source voltage high enough to keep the high-
side MOSFETs turned on.
7.3.7 Differential Inputs
The differential input stage of the amplifier cancels any noise that appears on both input lines of the channel. To
use the TPA313xD2 with a differential source, connect the positive lead of the audio source to the RINP or LINP
input and the negative lead from the audio source to the RINN or LINN input. To use the TPA313xD2 with a
single-ended source, ac ground the negative input through a capacitor equal in value to the input capacitor on
positive and apply the audio source to either input. In a single-ended input application, the unused input should
be ac grounded at the audio source instead of at the device input for best noise performance. For good transient
performance, the impedance seen at each of the two differential inputs should be the same.
The impedance seen at the inputs should be limited to an RC time constant of 1 ms or less if possible. This is to
allow the input dc blocking capacitors to become completely charged during the 10 ms power-up time. If the input
capacitors are not allowed to completely charge, there will be some additional sensitivity to component matching
which can result in pop if the input components are not well matched.
7.3.8 Device Protection System
The TPA313xD2 contains a complete set of protection circuits carefully designed to make system design efficient
as well as to protect the device against any kind of permanent failures due to short circuits, overload, over
temperature, and under-voltage. The FAULTZ pin will signal if an error is detected according to the fault table
below:
Table 4. Fault Reporting
TRIGGERING CONDITION
LATCHED/SELF-
FAULT
FAULTZ
ACTION
(typical value)
CLEARING
Over Current
Output short or short to PVCC or GND
Low
Output high impedance
Latched
Over Temperature
Tj > 150°C
Low
Output high impedance
Latched
Too High DC Offset
DC output voltage
Low
Output high impedance
Latched
Under Voltage on
PVCC < 4.5V
Output high impedance
Self-clearing
PVCC
Over Voltage on
PVCC > 27V
Output high impedance
Self-clearing
PVCC
7.3.9 DC Detect Protection
The TPA313xD2 has circuitry which will protect the speakers from DC current which might occur due to defective
capacitors on the input or shorts on the printed circuit board at the inputs. A DC detect fault will be reported on
the FAULT pin as a low state. The DC Detect fault will also cause the amplifier to shutdown by changing the
state of the outputs to Hi-Z.
If automatic recovery from the short circuit protection latch is desired, connect the FAULTZ pin directly to the
SDZ pin. This allows the DC Protection function to automatically drive the SDZ pin low which clears the DC
Detect protection latch.
A DC Detect Fault is issued when the output differential duty-cycle of either channel exceeds 60% for more than
420 msec at the same polarity. Table x below shows some examples of the typical DC Detect Protection
threshold for several values of the supply voltage. This feature protects the speaker from large DC currents or
AC currents less than 2Hz. To avoid nuisance faults due to the DC detect circuit, hold the SD pin low at power-
up until the signals at the inputs are stable. Also, take care to match the impedance seen at the positive and
negative inputs to avoid nuisance DC detect faults.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: TPA3131D2 TPA3132D2


Similar Part No. - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Similar Description - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com