Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3131D2 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3131D2
Description  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3131D2 Datasheet HTML 9Page - Texas Instruments TPA3131D2 Datasheet HTML 10Page - Texas Instruments TPA3131D2 Datasheet HTML 11Page - Texas Instruments TPA3131D2 Datasheet HTML 12Page - Texas Instruments TPA3131D2 Datasheet HTML 13Page - Texas Instruments TPA3131D2 Datasheet HTML 14Page - Texas Instruments TPA3131D2 Datasheet HTML 15Page - Texas Instruments TPA3131D2 Datasheet HTML 16Page - Texas Instruments TPA3131D2 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Input
Signal
Ci
IN
Zi
Zf
TPA3131D2, TPA3132D2
www.ti.com
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
Figure 20. Input AC Coupling
The input capacitors used should be a type with low leakage, like quality electrolytic, tantalum or ceramic. If a
polarized type is used the positive connection should face the input pins which are biased to 3 Vdc.
7.3.3 Start-up/Shutdown Operation
The TPA313xD2 employs a shutdown mode of operation designed to reduce supply current (Icc) to the absolute
minimum level during periods of nonuse for power conservation. The SDZ input terminal should be held high
(see specification table for trip point) during normal operation when the amplifier is in use. Pulling SDZ low will
put the outputs to mute and the amplifier to enter a low-current state. It is not recommended to leave SDZ
unconnected, because amplifier operation would be unpredictable.
For the best power-off pop performance, place the amplifier in the shutdown mode prior to removing the power
supply. The gain setting is selected at the end of the start-up cycle. At the end of the start-up cycle, the gain is
selected and cannot be changed until the next power-up.
7.3.4 PLIMIT Operation
The TPA313xD2 has a built-in voltage limiter that can be used to limit the output voltage level below the supply
rail, the amplifier simply operates as if it was powered by a lower supply voltage, and thereby limits the output
power. Add a resistor divider from GVDD to ground to set the voltage at the PLIMIT pin. An external reference
may also be used if tighter tolerance is required. Add a 1 µF capacitor from pin PLIMIT to ground to ensure
stability.
Figure 21. Power Limit Example
The PLIMIT circuit sets a limit on the output peak-to-peak voltage. The limiting is done by limiting the duty cycle
to a fixed maximum value. This limit can be thought of as a "virtual" voltage rail which is lower than the supply
connected to PVCC. This "virtual" rail is approximately 4 times the voltage at the PLIMIT pin. This output voltage
can be used to calculate the maximum output power for a given maximum input voltage and speaker impedance.
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPA3131D2 TPA3132D2


Similar Part No. - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Similar Description - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com