Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3131D2 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3131D2
Description  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPA3131D2 Datasheet HTML 8Page - Texas Instruments TPA3131D2 Datasheet HTML 9Page - Texas Instruments TPA3131D2 Datasheet HTML 10Page - Texas Instruments TPA3131D2 Datasheet HTML 11Page - Texas Instruments TPA3131D2 Datasheet HTML 12Page - Texas Instruments TPA3131D2 Datasheet HTML 13Page - Texas Instruments TPA3131D2 Datasheet HTML 14Page - Texas Instruments TPA3131D2 Datasheet HTML 15Page - Texas Instruments TPA3131D2 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
i
i
1
f
2 Z C
p
=
ƒ
1
2
3
4
5
6
GAIN/SLV
GVDD
INPL
INNL
AGND
PLIMIT
GND
20k
100k
1µF
R1
R2
TPA3131D2, TPA3132D2
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
www.ti.com
Feature Description (continued)
Table 1. Gain and Master/Slave
MASTER / SLAVE
GAIN
R1 (to GND)
R2 (to GVDD)
INPUT IMPEDANCE
MODE
Master
20 dB
5.6 k
Ω
OPEN
60 k
Ω
Master
26 dB
20 k
Ω
100 k
Ω
30 k
Ω
Master
32 dB
39 k
Ω
100 k
Ω
15 k
Ω
Master
36 dB
47 k
Ω
75 k
Ω
9 k
Ω
Slave
20 dB
51 k
Ω
51 k
Ω
60 k
Ω
Slave
26 dB
75 k
Ω
47 k
Ω
30 k
Ω
Slave
32 dB
100 k
Ω
39 k
Ω
15 k
Ω
Slave
36 dB
100 k
Ω
16 k
Ω
9 k
Ω
Figure 19. Gain and Master/Slave Select Resistors
In Master mode, SYNC terminal is an output, in Slave mode, SYNC terminal is an input for a clock input. TTL
logic levels with compliance to GVDD.
7.3.2 Input Impedance
The TPA313xD2 input stage is a fully differential input stage and the input impedance changes with the gain
setting from 9 k
Ω at 36 dB gain to 60 kΩ at 20 dB gain. Table 1 lists the values from min to max gain. The
tolerance of the input resistor value is ±20% so the minimum value will be higher than 7.2 k
Ω. The inputs need to
be AC-coupled to minimize the output dc-offset and ensure correct ramping of the output voltages during power-
ON and power-OFF. The input ac-coupling capacitor together with the input impedance forms a high-pass filter
with the following cut-off frequency:
(1)
If a flat bass response is required down to 20 Hz the recommended cut-off frequency is a tenth of that, 2 Hz. lists
the recommended ac-couplings capacitors for each gain step. If a -3 dB is accepted at 20 Hz 10 times lower
capacitors can used – for example, a 1 µF can be used.
Table 2. Recommended Input AC-Coupling Capacitors
GAIN
INPUT IMPEDANCE
INPUT CAPACITANCE
HIGH-PASS FILTER
20 dB
60 k
Ω
1.5 µF
1.8 Hz
26 dB
30 k
Ω
3.3 µF
1.6 Hz
32 dB
15 k
Ω
5.6 µF
2.3 Hz
36 dB
9 k
Ω
10 µF
1.8 Hz
12
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: TPA3131D2 TPA3132D2


Similar Part No. - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Similar Description - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com