Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3131D2 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3131D2
Description  25-W Filter-Free Class-D Stereo Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3131D2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA3131D2 Datasheet HTML 7Page - Texas Instruments TPA3131D2 Datasheet HTML 8Page - Texas Instruments TPA3131D2 Datasheet HTML 9Page - Texas Instruments TPA3131D2 Datasheet HTML 10Page - Texas Instruments TPA3131D2 Datasheet HTML 11Page - Texas Instruments TPA3131D2 Datasheet HTML 12Page - Texas Instruments TPA3131D2 Datasheet HTML 13Page - Texas Instruments TPA3131D2 Datasheet HTML 14Page - Texas Instruments TPA3131D2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
+
+
+
+
+
SDZ
MUTE
TTL
Buffer
Gain
Control
GAIN
OUTPR FB
RINN
RINP
Gain
Control
OUTPNR FB
FAULTZ
SYNC
GAIN/SLV
AM<2:0>
PLIMIT
AVCC
GVDD
LDO
Regulator
LINP
LINN
GND
Input
Sense
PBTL
Select
OUTPL_FB
Gain
Control
OUTNL_FB
AVDD
GVDD
PLIMIT
Reference
Ramp
Generator
Biases and
References
Startup Protection
Logic
SC Detect
DC Detect
Thermal
Detect
UVLO/OVLO
PVCC
GVDD
PVCC
Gate
Drive
OUTNL_
FB
PVCC
GVDD
PVCC
Gate
Drive
PWM
Logic
PBTL Select
OUTPL_FB
GND
OUTPL
BSPL
GND
OUTNL
BSNL
GND
BSNR
OUTPR
GND
OUTNR
OUTNR_
FB
BSPR
OUTPR_FB
PVCC
GVDD
PVCC
Gate
Drive
PVCC
GVDD
PVCC
Gate
Drive
PWM
Logic
PBTL Select
PLIMIT
PLIMIT
+
+
+
+
+
+
Thermal
Pad
TPA3131D2, TPA3132D2
www.ti.com
SLOS841B – SEPTEMBER 2013 – REVISED JANUARY 2015
7 Detailed Description
7.1 Overview
The TPA3132D2 device is a high-efficiency stereo Class-D audio power amplifier optimized for high-transient
power capability to utilize the dynamic power headroom of small loudspeakers. It’s capable of delivering high
peak power into a 4-
Ω speaker.
The device can be configured for either master or slave operation by using the SYNC pin. This helps to prevent
audible beats noise.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Gain Setting and Master and Slave
The gain of the TPA3131D2 is set by the voltage divider connected to the GAIN/SLV control pin. Master or Slave
mode is also controlled by the same pin. An internal ADC is used to detect the 8 input states. The first four
stages sets the GAIN in Master mode in gains of 20, 26, 32, 36 dB respectively, while the next four stages sets
the GAIN in Slave mode in gains of 20, 26, 32, 36 dB respectively. The gain setting is latched during power-up
and cannot be changed while device is powered. shows the recommended resistor values and the state and
gain:
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPA3131D2 TPA3132D2


Similar Part No. - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
More results

Similar Description - TPA3131D2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3123D2PWPG4 TI-TPA3123D2PWPG4 Datasheet
919Kb / 30P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3116D2 TI1-TPA3116D2_15 Datasheet
2Mb / 43P
Filter-Free Class-D Stereo Amplifier Family
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com